Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1510 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1510
Description  PC CARD CONTROLLERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1510 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCI1510 Datasheet HTML 17Page - Texas Instruments PCI1510 Datasheet HTML 18Page - Texas Instruments PCI1510 Datasheet HTML 19Page - Texas Instruments PCI1510 Datasheet HTML 20Page - Texas Instruments PCI1510 Datasheet HTML 21Page - Texas Instruments PCI1510 Datasheet HTML 22Page - Texas Instruments PCI1510 Datasheet HTML 23Page - Texas Instruments PCI1510 Datasheet HTML 24Page - Texas Instruments PCI1510 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 128 page
background image
2−7
Table 2−2. Signal Names Sorted by GGU Terminal Number (Continued)
TERMINAL
SIGNAL NAME
TERMINAL
SIGNAL NAME
TERMINAL
CARDBUS
16-BIT
TERMINAL
CARDBUS
16-BIT
J03
TRDY
TRDY
L11
GRST
GRST
J04
AD16
AD16
L12
VCCD1
VCCD1
J10
CAD5
D6
L13
CCD1
CD1
J11
CAD4
D12
M01
VCC
VCC
J12
CRSVD
D14
M02
AD9
AD9
J13
CAD3
D5
M03
C/BE1
C/BE1
K01
IRDY
IRDY
M04
AD15
AD15
K02
DEVSEL
DEVSEL
M05
AD10
AD10
K03
PERR
PERR
M06
AD5
AD5
K04
AD4
AD4
M07
AD1
AD1
K05
AD13
AD13
M08
RI_OUT/PME
RI_OUT/PME
K06
C/BE0
C/BE0
M09
SPKROUT
SPKROUT
K07
MFUNC0
MFUNC0
M10
MFUNC4
MFUNC4
K08
GND
GND
M11
VPPD1
VPPD1
K09
VPPD0
VPPD0
M12
CAD2
D11
K10
MFUNC3
MFUNC3
M13
GND
GND
K11
CAD0
D3
N01
PAR
PAR
K12
CAD1
D4
N02
GND
GND
K13
CAD6
D13
N03
AD12
AD12
L01
STOP
STOP
N04
AD8
AD8
L02
SERR
SERR
N05
AD7
AD7
L03
VCCP
VCCP
N06
AD3
AD3
L04
AD11
AD11
N07
VCC
VCC
L05
AD14
AD14
N08
AD0
AD0
L06
AD6
AD6
N09
MFUNC1
MFUNC1
L07
AD2
AD2
N10
SUSPEND
SUSPEND
L08
VR_PORT
VR_PORT
N11
VCC
VCC
L09
MFUNC2
MFUNC2
N12
MFUNC5
MFUNC5
L10
MFUNC6
MFUNC6
N13
VCCD0
VCCD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com