Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2.5SW180M Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 2.5SW180M
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

2.5SW180M Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  2.5SW180M Datasheet HTML 1Page - RUBYCON CORPORATION 2.5SW180M Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
导电性高分子铝固体电解电容器
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
SERIES
SLG
SERIES
SWZ/SW
SPECIFICATIONS
Series
55
105
1.1m
1.9mm
9 15
4.5 25
9 18
9
2,500 3,500
1,800 3,500
2,100 2,700
2.7mm
2.9mm
2 6.3
2 10
47 220
47 330
2 8
2 6.3
68 220
120 470
20%
0.04CV
0.1
• RoHS
RoHS Compliance
•
(260
) : (
MSL3)
Lead free reflow soldering is available (260 ,10sec) : (Available for MSL3)
Category Temperature Range( )
Surge Voltage
1.25
Rated voltage X1.25
20%
Within
20% of the initial value
initial specified value
200%
200% of initial specified value
20%
60%
Within -20% +60% of the initial value
-20% +40%
Within -20% +40% of the initial value
200%
200% of initial specified value
300%
300% of initial specified value
C
tan
LC
C
tan
LC
(105
2000
)
Endurance
(105 , 2000hrs, Rated Voltage applied)
(
)
(60 ,90%RH,
500
)
Damp heat(Steady state)
(60 , 90%RH, 500hrs, No-applied voltage)
FEATURES
SLG :
Ultra Low Profile
SW :
ESR
High Capacitance,Low ESR
SWZ :
ESR
High Capacitance,Ultra Low ESR
SLG
SWZ
SW
PC-CON
Rated Voltage Range(V.DC)
Capacitance Range(µF)
Capacitance Tolerance(20
, 120Hz)
(
5
)
Leakage Current(µA/after 5 minutes)
(tan )
Dissipation Factor(20
, 120Hz)
Maximum Allowable Ripple Current(mA r.m.s/100kHz)
(ESR)
Equivalent Series Resistance(ESR)
(m /20
, 100kHz)
PC-CON SPICE
(netlist)
Our website offers the SPICE model (netlist) of PC-CON as the data for simulations. Please make use of various circuit design.
For automotive use (AEC-Q200), please inquire our sales offices.
PC-CON


Similar Part No. - 2.5SW180M

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
2.5SW180M RUBYCON-2.5SW180M Datasheet
82Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW180M RUBYCON-2.5SW180M Datasheet
231Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW180M RUBYCON-2.5SW180M Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW180M RUBYCON-2.5SW180M Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW180M RUBYCON-2.5SW180M Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results

Similar Description - 2.5SW180M

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ330MR15 RUBYCON-2.5SWZ330MR15 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
6SW150MDR1X RUBYCON-6SW150MDR1X Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com