Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1741AM Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SC1741AM
Description  Silicon NPN transistor in a SOT-23 Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SC1741AM Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SC1741AM Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1741AM Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1741AM Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1741AM Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1741AM Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1741AM Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SC1741AM
Rev.F Apr.-2017
DATA SHEET
http://www.fsbrec.com
1 / 6
SOT-23 塑封封装 NPN 半导体三极管。Silicon NPN transistor in a SOT-23 Plastic Package.
集电极电流大,VCE(sat)饱和压降低。
High IC, Low VCE(sat)。
用于中功率放大。
Medium power transistor.
PIN1
:Base
PIN 2
:Emitter
PIN 3
:Collector
放大及印章代码 / hFE Classifications & Marking
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
hFE Classifications
Symbol
Q
R
hFE Range
120~270
180~390
Marking
H74Q
H74R
3
2
1


Similar Part No. - 2SC1741AM

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC1741AS ROHM-2SC1741AS Datasheet
91Kb / 3P
Medium Power Transistor (50V, 0.5A)
2SC1741AS ROHM-2SC1741AS Datasheet
97Kb / 3P
Medium Power Transistor (50V,0.5A)
2SC1741AS ROHM-2SC1741AS_11 Datasheet
97Kb / 3P
Medium Power Transistor (50V,0.5A)
More results

Similar Description - 2SC1741AM

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2SC1740M FOSHAN-2SC1740M Datasheet
760Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
2SC2216M FOSHAN-2SC2216M Datasheet
804Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
2SC2717M FOSHAN-2SC2717M Datasheet
873Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
2SC3130 FOSHAN-2SC3130 Datasheet
609Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
2SC3142 FOSHAN-2SC3142 Datasheet
582Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
2SC3545 FOSHAN-2SC3545 Datasheet
593Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
2SD602A FOSHAN-2SD602A Datasheet
660Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
2SD1781K FOSHAN-2SD1781K Datasheet
697Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
8050M FOSHAN-8050M Datasheet
767Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
9014M FOSHAN-9014M Datasheet
710Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com