Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3DBV40 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3DBV40
Description  3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3DBV40 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3DBV40 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3DBV40 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3DBV40 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3DBV40 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3DBV40 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3DBV40 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3DBV40 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3DBV40 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
PS8709B
07/22/04
PI3DBV40
3.3V, Wide Bandwidth, 4-Channel,
2:1 Mux/DeMux Video Switch with Single Enable
Test Circuit for Electrical Characteristics(1)
Notes:
1.
CL = Load capacitance: includes jig and probe capacitance.
2.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator
3.
All input impulses are supplied by generators having the following characteristics: f = 10 MHz, ZO = 50Ω, tR ≤ 2.5ns, tF ≤ 2.5ns.
4.
The outputs are measured one at a time with one transition per measurement.
Test Circuit for Dynamic Electrical Characteristics
PI3DBV40
T
R
S
HP11667A
50-ohm
50-ohm
50-ohm
CL = See Graph Fig 4
HP4396B
Switch Positions
Test
Switch
tPLZ, tPZL (output on I-side)
6.0V
tPHZ, tPZH (output on I-side)
GND
Prop Delay
Open
Figure 1. Bandwidth -3dB Testing
RT
10pF
CL
VCC
VIN
VOUT
200-ohm
200-ohm
6.0V
Pulse
Generator
D.U.T



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com