Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3DBV40AE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3DBV40AE
Description  3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3DBV40AE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI3DBV40AE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3DBV40AE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3DBV40AE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3DBV40AE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3DBV40AE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3DBV40AE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3DBV40AE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3DBV40AE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
PS8709B
07/22/04
PI3DBV40
3.3V, Wide Bandwidth, 4-Channel,
2:1 Mux/DeMux Video Switch with Single Enable
Voltage Waveforms Propagation Delay Times
Switching Waveforms
Output Skew - tSK(o)
Pulse Skew - tSK(p)
Voltage Waveforms Enable and Disable Times
Data In
Data Out
at Channel X
Data Out
at Channel Y
tPLHX
tPHLX
3.5V
2.5V
2.5V
2.5V
I
tSK(o) = I tPLHy – tPLHx I or I tPHLy – tPHLx I
tSK(o)
tPLHy
tPHLy
VOH
VOL
VOL
VOH
1.5V
Input
Output
tPLH
tSK(p) = I tPHL – tPLH I
tPHL
3.5V
2.5V
2.5V
VOL
VOH
1.5V
tPLZ
1.25V
1.25V
2.5V
VOH
0V
VOL
VDD/2
VDD/2
tPHZ
tPZL
tPZH
Output
Output
VOL +0.3V
VOH –0.3V
VOL
VOH
SEL
Applications Information
Logic Inputs
The logic control inputs can be driven up to +3.6V regardless of the supply voltage. For example, given a +3.3V supply, the output
enables or select pins may be driven low to 0V and high to 3.6V. Driving IN Rail-to-Rail® minimizes power consumption.
Power-Supply Sequencing
Proper power-supply sequencing is advised for all CMOS devices. It is recommended to always apply VCC before applying signals to
the input/output or control pins.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd
Input
tPLH
2.5V
2.5V
2.5V
2.5V
tPHL
3.5V
1.5V
Output
VOH
VOL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com