Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB20 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3USB20
Description  3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ SiNGLE ENABLE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB20 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3USB20 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB20 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB20 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB20 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB20 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB20 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
PI3USB20
3.3V, Wide Bandwidth, 4-Channel,
2:1 Mux/DeMux USB 2.0 Switch
PS8697A
07/23/04
Test Circuit for Electrical Characteristics(1)
Notes:
1. CL = Load capacitance: includes jig and probe capacitance.
2. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator
3. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
4. All input impulses are supplied by generators having the following characteristics: PRR ≤ MHz, ZO = 50Ω, tR ≤ 2.5ns, tF ≤ 2.5ns.
5. The outputs are measured one at a time with on transition per measurement.
Test Circuit for Dynamic Electrical Characteristics
Switch Positions
Test
Switch
tPLZ, tPZL (output on I-side)
6.0V
tPHZ, tPZH (output on I-side)
GND
Prop Delay
Open
VCC
PI3USB20
T1
R1
S1
HP11667A
50-ohm
10pF
HP4195A
RT
10pF
CL
VCC
VIN
VOUT
200-ohm
200-ohm
6.0V
Pulse
Generator
D.U.T



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com