Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY255 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BY255
Description  3.0 AMPS. Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BY255 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BY255 Datasheet HTML 1Page - List of Unclassifed Manufacturers BY255 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 299-
FIG.5- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
.01
.1
100
1.0
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
Tj=100 C
0
RATINGS AND CHARACTERISTIC CURVES (BY251 THRU BY255)
FORWARD VOLTAGE. (V)
FIG.3- TYPICAL FORWARD CHARACTERISTICS
1.8
1.6
.6
.4
.8
1.0
1.2
1.4
.01
100
30
3.0
10
1.0
.03
.1
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
FIG.4- TYPICAL JUNCTION CAPACITANCE
100
50
10
15
1
100
50
5
10
REVERSE VOLTAGE. (V)
Tj=25 C
0
FIG.1- MAXIMUM FORWARD CURRENT
DERATING CURVE
25
0
50
75
100
125
150
175
2
3
0
1
4
AMBIENT TEMPERATURE. ( C)
o
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375" (9.5mm)
Lead Length
FIG.2- MAXIMUM FORWARD SURGE
CURRENT
10
50
5
1
100
10
50
100
150
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half
Sine Wave
JEDEC Method
NON-REPETITIVE
REPETITIVE
Tj=25 C
o



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com