Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C3303 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI5C3303
Description  SOTiny??2:1 Mux/DeMux Bus Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3303 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5C3303 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3303 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3303 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3303 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3303 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
PS8367D
10/14/04
PI5C3303
SOTiny™ 2:1 Mux/DeMux Bus Switch
Test Circuit
��
����
��
���
���
����
���
Ω
���
Ω
����
������
���������
�����
Enable and Disable Timing
Switch Positions
Test
Switch
Open Drain
Disable LOW
Enable LOW
7V
All Other Inputs
Open
Notes:
1.
CL = Load Capacitance: inlcudes jig and proble capacitance.
RT = Termination Resistance: should be equal to the ZOUT of the
Pulse Generator.
tPLZ
1.5V
3V
3V
0V
1.5V
3V
1.5V
0V
tPHZ
tPZL
tPZH
Output
Output
Normally
High
0.3V
VOL
VOH
0.3V
0V
Enable
Disable
Control
Input
Switch
Notes:
1.
Input Control Enable = Low; Input Control Disable = High.
2.
Pulse Generator for All Pulses: Rate ≤ 1.0 MHz; ZOUT ≤ 50Ω; tF, tR, ≤ 2.5ns,



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com