Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5V332 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI5V332
Description  Low On-Resistance Wideband/Video Quad with Individual Control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5V332 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI5V332 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5V332 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5V332 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5V332 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5V332 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5V332 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5V332 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
PS8118B
09/22/04
PI5V332
Low On-Resistance Wideband/Video
Quad with Individual Control
Figure 1. Differential Gain/Phase
Test Circuits
Figure 2. Switching Time
DC
S1
R1
T2
HP4195A
HP41952A
HP11667A
HP41800A
150Ω
0.1 µF
PI5V332
0.1 mF
3V
EN
S
D
GND
PI5V332
75Ω
+5.0V
VCC
20pF
VOUT
IN
Digital
Input
Analog
Output
tON
tOFF
50%
90%
50%
90%
Figure 3. Gain/Phase, Crosstalk, Off-Isolation
DC
S1
R1
T2
HP4195A
HP41952A
HP11667A
HP41800A
150Ω
0.1 µF
PI5V332
0.1 mF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com