Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C6800Q Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI5C6800Q
Description  10-Bit Bus Switch with Precharged Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C6800Q Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5C6800Q Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C6800Q Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C6800Q Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C6800Q Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C6800Q Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
PS8194E
09/13/04
PI5C6800
10-Bit Bus Switch with
Precharged Outputs
Packaging Mechanical: 24-pin QSOP (Q)
.337
.344
.053
.069
.004
.010
SEATING
PLANE
.025
typical
.007
.010
.228
.244
1
24
.150
.157
.016
.050
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
0.635
8.56
8.74
1.35
1.75
5.79
6.20
0.406
1.27
0.101
0.254
.008
.012
0.203
0.305
3.81
3.99
0.178
0.254
.033
0.84
0.38
.015 x 45˚
Detail A
Detail A
.008
0.20
MIN.
Guage Plane
.010
0.254
.041
1.04
REF
.016
.035
0.41
0.89
0˚-6˚
.008
.013
0.20
0.33
Applications Information
Logic Inputs
The logic control inputs can be driven up to +5.5V regardless of the supply voltage. For example, given a +5.0V supply, IN may be
driven low to 0V and high to 5.5V. Driving IN Rail-to-Rail® minimizes power consumption.
Power-Supply Sequencing
Proper power-supply sequencing is recommended for all CMOS devices. Always apply VCC before applying signals to the input/
output or control pins.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com