Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5V332W Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5V332W
Description  Low On-Resistance Wideband/Video Quad with Individual Control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5V332W Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5V332W Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5V332W Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5V332W Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5V332W Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5V332W Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5V332W Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5V332W Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
PS8118B
09/22/04
PI5V332
Low On-Resistance Wideband/Video
Quad with Individual Control
Dynamic Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5V ±5%)
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
tON
Turn On Time
RL = 75Ω, CL = 20pF, see Fig. 2
—
2.5
5
ns
tOFF
Turn Off Time
RL = 75Ω, CL = 20pF, see Fig. 2
—
1.1
5
BW(1)
–3 dB Bandwidth
RL = 150Ω, see Fig. 3
250
—
—
MHz
XTALK
Crosstalk
RIN = 10Ω; RL = 150Ω, 10 MHz, see Fig. 3
—
–58
—
dB
DG
Differential Gain
RL = 150Ω, f = 3.58 MHz, see Fig. 1
—
0.64
—
%
DP
Differential Phase
RL = 150Ω, f = 3.58 MHz, see Fig. 1
—
0.27
—
Deg.
CIN(1)
Input/Enable Capacitance
VIN = 0V, f = 1 MHz
—
—
6
pF
COFF(1)
Capacitance, Switch Off
VIN = 0V, f = 1 MHz
—
—
6
CON(1)
Capacitance, Switch On
VIN = 0V, f = 1 MHz
—
—
20
OIRR
Off Isolation
RL = 150Ω, 10 MHz, see Fig. 3
—
–38
—
dB
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
ICC
Quiescent Power
Supply Current
VCC = Max.
IN = GND or VCC
—
0.1
3.0
µA
ΔICC
Supply Current per
Input @ TTL HIGH
VCC = Max.
IN = 3.4V(3)
—
—
2.5
mA
ICCD
Supply Current per
Input per MHz(4)
VCC = Max.,
S1, S2, and D Pins Open
EN = GND
Control Input Toggling
50% Duty Cycle
—
—
0.25
mA/
MHz
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V, control inputs only); S1, S2, and D pins do not contribute to ICC.
4. This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified frequency. The
S1, S2, and D I/O pins generate no significant AC or DC currents as they transition. This parameter is not tested, but is guaranteed by design.
Notes:
1. This parameter is determined by device characterization but is not production tested.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com