Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C7300 Datasheet(PDF) 97 Page - Pericom Semiconductor Corporation

Part # PI7C7300
Description  3-PORT PCI-to-PCI BRIDGE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300 Datasheet(HTML) 97 Page - Pericom Semiconductor Corporation

Back Button PI7C7300 Datasheet HTML 93Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 94Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 95Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 96Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 97Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 98Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 99Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 100Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 101Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 109 page
background image
PI7C7300A
3-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 97 OF 109
09/25/03 Revision 1.09
16.3
TAP TEST DATA REGISTERS
The PI7C7300A contains two test data registers (bypass and boundary-scan). Each test
data register selected by the TAP controller is connected serially between TDI and TDO.
TDI is connected to the test data register’s most significant bit. TDO is connected to the
least significant bit. Data is shifted one bit position within the register towards TDO on
each rising edge of TCK. While any register is selected, data is transferred from TDI to
TDO without inversion. The following sections describe each of the test data registers.
16.4
BYPASS REGISTER
The required bypass register, a one-bit shift register, provides the shortest path between
TDI and TDO when a bypass instruction is in effect. This allows rapid movement of test
data to and from other components on the board. This path can be selected when no test
operation is being performed on the PI7C7300A.
16.5
BOUNDARY-SCAN REGISTER
The boundary-scan register contains a cell for each pin as well as control cells for I/O
and the high-impedance pin.
Table 16-2 shows the bit order of the PI7C7300A boundary-scan register. All table cells
that contain “Control” select the direction of bi-directional pins or high-impedance
output pins. When a “0” is loaded into the control cell, the associated pin(s) are high-
impedance or selected as input.
The boundary-scan register is a required set of serial-shiftable register cells, configured
in master/slave stages and connected between each of the PI7C7300A’s pins and on-chip
system logic. The VDD, GND, PLL, AGND, AVDD and JTAG pins are NOT in the
boundary-scan chain.
The boundary-scan register cells are dedicated logic and do not have any system
function. Data may be loaded into the boundary-scan register master cells from the
device input pins and output pin-drivers in parallel by the mandatory sample/preload and
extest instructions. Parallel loading takes place on the rising edge of TCK.
Data may be scanned into the boundary-scan register serially via the TDI serial input pin,
clocked by the rising edge of TCK. When the required data has been loaded into the
master-cell stages, it can be driven into the system logic at input pins or onto the output
pins on the falling edge of TCK state. Data may also be shifted out of the boundary-scan
register by means of the TDO serial output pin at the falling edge of TCK.
16.6
TAP CONTROLLER
The TAP (Test Access Port) controller is a 4-state synchronous finite state machine that
controls the sequence of test logic operations. The TAP can be controlled via a bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com