Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ18VAL Datasheet(PDF) 2 Page - Rohm

Part # MMBZ18VAL
Description  Transient Voltage suppressor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MMBZ18VAL Datasheet(HTML) 2 Page - Rohm

  MMBZ18VAL Datasheet HTML 1Page - Rohm MMBZ18VAL Datasheet HTML 2Page - Rohm MMBZ18VAL Datasheet HTML 3Page - Rohm MMBZ18VAL Datasheet HTML 4Page - Rohm MMBZ18VAL Datasheet HTML 5Page - Rohm MMBZ18VAL Datasheet HTML 6Page - Rohm MMBZ18VAL Datasheet HTML 7Page - Rohm MMBZ18VAL Datasheet HTML 8Page - Rohm MMBZ18VAL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Data sheet
MMBZ5V6AL
3.0
5.32
5.60
5.88
20
5
3.0
0.9
8.0
3.00
230
MMBZ6V2AL
3.0
5.89
6.20
6.51
1
0.2
3.0
0.9
8.7
2.76
180
MMBZ6V8AL
4.5
6.46
6.80
7.14
1
0.3
4.5
0.9
9.6
2.50
165
MMBZ9V1AL
6.0
8.65
9.10
9.56
1
0.1
6.0
0.9
14.0
1.70
120
MMBZ10VAL
6.5
9.50
10.00
10.50
1
0.05
6.5
0.9
14.2
1.70
105
MMBZ12VAL
8.5
11.40
12.00
12.60
1
0.05
8.5
0.9
17.0
2.35
85
MMBZ15VAL
12.0
14.25
15.00
15.75
1
0.05
12.0
0.9
21.0
1.90
75
MMBZ16VAL
13.0
15.20
16.00
16.80
1
0.05
13.0
0.9
23.0
1.70
70
MMBZ18VAL
14.5
17.10
18.00
18.90
1
0.05
14.5
0.9
25.0
1.60
60
MMBZ20VAL
17.0
19.00
20.00
21.00
1
0.05
17.0
0.9
28.0
1.40
55
MMBZ24VAL
20.0
22.80
24.00
25.20
1
0.05
20.0
0.9
32.0
1.25
46
MMBZ27VAL
22.0
25.65
27.00
28.35
1
0.05
22.0
0.9
40.0
1.00
42
MMBZ30VAL
24.0
28.50
30.00
31.50
1
0.05
24.0
0.9
43.0
0.95
38
MMBZ33VAL
26.0
31.35
33.00
34.65
1
0.05
26.0
0.9
46.0
0.87
34
MMBZ5V6AL
D0M
MMBZ16VAL
D0Y
MMBZ6V2AL
D0N
MMBZ18VAL
D0Z
MMBZ6V8AL
D0P
MMBZ20VAL
D1A
MMBZ9V1AL
D0S
MMBZ24VAL
D1C
MMBZ10VAL
D0T
MMBZ27VAL
D1D
MMBZ12VAL
D0V
MMBZ30VAL
D1E
MMBZ15VAL
D0X
MMBZ33VAL
D1F
Marking
P/N
Marking
Nom.
MMBZ6V8AL
●Electrical Characteristic (T
a = 25ºC)
●Marking
P/N
MAX.
MIN.
Nom.
MAX.
P/N
VRWM
(V)
VBR(V)
IR(μA)
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
2/6
2016/5/31_Rev.001
Symbol
VCL(V)
Ct(pF)
VR=0V
f=1MHz
MAX.
Ipp(A)
VF(V)
IF=10mA
MAX.
It(mA)
MAX.
VR(V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com