Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ12VAL Datasheet(PDF) 1 Page - Rohm

Part # MMBZ12VAL
Description  Transient Voltage suppressor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MMBZ12VAL Datasheet(HTML) 1 Page - Rohm

  MMBZ12VAL Datasheet HTML 1Page - Rohm MMBZ12VAL Datasheet HTML 2Page - Rohm MMBZ12VAL Datasheet HTML 3Page - Rohm MMBZ12VAL Datasheet HTML 4Page - Rohm MMBZ12VAL Datasheet HTML 5Page - Rohm MMBZ12VAL Datasheet HTML 6Page - Rohm MMBZ12VAL Datasheet HTML 7Page - Rohm MMBZ12VAL Datasheet HTML 8Page - Rohm MMBZ12VAL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
  Transient Voltage suppressor
*
Power dissipation
Pd
on Alumina substrate
-
300
mW
Peak pulse power
PPP
-
24
W
ºC
Storage temperature
Tstg
-
-65
150
ºC
Junction temperature
Tj
-
-
150
V
Machine model
-
±2
Human body model
C=100pF R=1.5kΩ
on Glass-epoxy substrate
-
225
mW
IEC61000-4-2
C=150pF R=330Ω
Machine model
C=200pF R=0Ω
Human body model
-
www.rohm.com
1/6
2016/5/31_Rev.001
© 2016 ROHM Co., Ltd. All rights reserved.
MMBZ5V6AL thru MMBZ10VAL
tp=10/1000μs
MMBZ12VAL thru MMBZ33VAL
-
±8
kV
40
W
Electrostatic discharge voltage*
VESD
IEC61000-4-2
Air discharge
-
-
±30
kV
Contact
Small mold type
ESD Protection
High reliability
ESD protection level ±30kV (IEC61000-4-2 Contact)
Taping Width(mm)
Embossed Tape
Reel Size(mm)
180
Parameter
Symbol
Conditions
●Absolute Maximum Rating (T
a=25ºC)
Min.
Max.
Unit
Basic Ordering Unit(pcs)
3000
●Structure
Marking
D0X
Packing
●Inner Circuit
●Feature
8
●Application
●Packaging Specification
±30
kV
Taping Code
T116
Silicon Epitaxial Planar
MMBZ15VAL
W
Ppp
Data sheet
●Outline
24
40
W


Similar Part No. - MMBZ12VAL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ12VAL ONSEMI-MMBZ12VAL Datasheet
70Kb / 8P
24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
August, 2004 ??Rev. 7
logo
NXP Semiconductors
MMBZ12VAL NXP-MMBZ12VAL Datasheet
78Kb / 15P
Double ESD protection diodes for transient overvoltage suppression
Rev. 01-1 September 2008
logo
Rohm
MMBZ12VAL ROHM-MMBZ12VAL Datasheet
1Mb / 10P
Transient Voltage suppressor
MMBZ12VAL ROHM-MMBZ12VAL Datasheet
1Mb / 10P
Transient Voltage suppressor
MMBZ12VAL ROHM-MMBZ12VAL Datasheet
1Mb / 10P
Transient Voltage suppressor
More results

Similar Description - MMBZ12VAL

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com