Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ18VAL Datasheet(PDF) 2 Page - Rohm

Part # MMBZ18VAL
Description  Transient Voltage suppressor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MMBZ18VAL Datasheet(HTML) 2 Page - Rohm

  MMBZ18VAL Datasheet HTML 1Page - Rohm MMBZ18VAL Datasheet HTML 2Page - Rohm MMBZ18VAL Datasheet HTML 3Page - Rohm MMBZ18VAL Datasheet HTML 4Page - Rohm MMBZ18VAL Datasheet HTML 5Page - Rohm MMBZ18VAL Datasheet HTML 6Page - Rohm MMBZ18VAL Datasheet HTML 7Page - Rohm MMBZ18VAL Datasheet HTML 8Page - Rohm MMBZ18VAL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Data sheet
MMBZ5V6AL
3.0
5.32
5.60
5.88
20
5
3.0
0.9
8.0
3.00
230
MMBZ6V2AL
3.0
5.89
6.20
6.51
1
0.2
3.0
0.9
8.7
2.76
180
MMBZ6V8AL
4.5
6.46
6.80
7.14
1
0.3
4.5
0.9
9.6
2.50
165
MMBZ9V1AL
6.0
8.65
9.10
9.56
1
0.1
6.0
0.9
14.0
1.70
120
MMBZ10VAL
6.5
9.50
10.00
10.50
1
0.05
6.5
0.9
14.2
1.70
105
MMBZ12VAL
8.5
11.40
12.00
12.60
1
0.05
8.5
0.9
17.0
2.35
85
MMBZ15VAL
12.0
14.25
15.00
15.75
1
0.05
12.0
0.9
21.0
1.90
75
MMBZ16VAL
13.0
15.20
16.00
16.80
1
0.05
13.0
0.9
23.0
1.70
70
MMBZ18VAL
14.5
17.10
18.00
18.90
1
0.05
14.5
0.9
25.0
1.60
60
MMBZ20VAL
17.0
19.00
20.00
21.00
1
0.05
17.0
0.9
28.0
1.40
55
MMBZ24VAL
20.0
22.80
24.00
25.20
1
0.05
20.0
0.9
32.0
1.25
46
MMBZ27VAL
22.0
25.65
27.00
28.35
1
0.05
22.0
0.9
40.0
1.00
42
MMBZ30VAL
24.0
28.50
30.00
31.50
1
0.05
24.0
0.9
43.0
0.95
38
MMBZ33VAL
26.0
31.35
33.00
34.65
1
0.05
26.0
0.9
46.0
0.87
34
MMBZ5V6AL
D0M
MMBZ16VAL
D0Y
MMBZ6V2AL
D0N
MMBZ18VAL
D0Z
MMBZ6V8AL
D0P
MMBZ20VAL
D1A
MMBZ9V1AL
D0S
MMBZ24VAL
D1C
MMBZ10VAL
D0T
MMBZ27VAL
D1D
MMBZ12VAL
D0V
MMBZ30VAL
D1E
MMBZ15VAL
D0X
MMBZ33VAL
D1F
Symbol
VCL(V)
Ct(pF)
VR=0V
f=1MHz
MAX.
Ipp(A)
VF(V)
IF=10mA
MAX.
It(mA)
MAX.
VR(V)
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
2/6
2016/5/31_Rev.001
Marking
P/N
Marking
Nom.
MMBZ12VAL
●Electrical Characteristic (T
a = 25ºC)
●Marking
P/N
MAX.
MIN.
Nom.
MAX.
P/N
VRWM
(V)
VBR(V)
IR(μA)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com