Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD18511KCS Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18511KCS
Description  40-V N-Channel NexFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18511KCS Datasheet(HTML) 1 Page - Texas Instruments

  CSD18511KCS Datasheet HTML 1Page - Texas Instruments CSD18511KCS Datasheet HTML 2Page - Texas Instruments CSD18511KCS Datasheet HTML 3Page - Texas Instruments CSD18511KCS Datasheet HTML 4Page - Texas Instruments CSD18511KCS Datasheet HTML 5Page - Texas Instruments CSD18511KCS Datasheet HTML 6Page - Texas Instruments CSD18511KCS Datasheet HTML 7Page - Texas Instruments CSD18511KCS Datasheet HTML 8Page - Texas Instruments CSD18511KCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Qg - Gate Charge (nC)
0
10
20
30
40
50
60
70
0
1
2
3
4
5
6
7
8
9
10
D004
ID = 100 A
VDS = 20 V
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
9
10
D007
TC = 25°C, I D = 100 A
TC = 125°C, I D = 100 A
Gate
(Pin 1)
Drain (Pin 2)
Source (Pin 3)
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CSD18511KCS
SLPS548 – JULY 2017
CSD18511KCS 40-V N-Channel NexFET™ Power MOSFET
1
1 Features
1
•
Low Qg and Qgd
•
Low RDS(ON)
•
Low-Thermal Resistance
•
Avalanche Rated
•
Lead-Free Terminal Plating
•
RoHS Compliant
•
Halogen Free
•
TO-220 Plastic Package
2 Applications
•
Secondary Side Synchronous Rectifier
•
Motor Control
3 Description
This
40-V,
2.1-mΩ,
TO-220
NexFET™
power
MOSFET is designed to minimize losses in power
conversion applications.
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-Source Voltage
40
V
Qg
Gate Charge Total (10 V)
63.9
nC
Qgd
Gate Charge Gate-to-Drain
9.7
nC
RDS(on)
Drain-to-Source On-Resistance
VGS = 4.5 V
3.2
m
Ω
VGS = 10 V
2.1
VGS(th)
Threshold Voltage
1.8
V
Device Information(1)
DEVICE
MEDIA
QTY
PACKAGE
SHIP
CSD18511KCS
Tube
50
TO-220
Plastic Package
Tube
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
VDS
Drain-to-Source Voltage
40
V
VGS
Gate-to-Source Voltage
±20
V
ID
Continuous Drain Current (Package Limited)
110
A
Continuous Drain Current (Silicon Limited),
TC = 25°C
194
Continuous Drain Current (Silicon Limited),
TC = 100°C
137
IDM
Pulsed Drain Current(1)
400
A
PD
Power Dissipation
188
W
TJ,
Tstg
Operating Junction,
Storage Temperature
–55 to 175
°C
EAS
Avalanche Energy, Single Pulse
ID = 56 A, L = 0.1 mH, RG = 25 Ω
156
mJ
(1) Max RθJC = 0.8°C/W, pulse duration ≤ 100 μs, duty cycle ≤
1%.
RDS(on) vs VGS
Gate Charge


Similar Part No. - CSD18511KCS

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
CSD18511KCS ISC-CSD18511KCS Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
logo
Texas Instruments
CSD18511KCS TI2-CSD18511KCS Datasheet
864Kb / 13P
CSD18511KCS 40V N-Channel NexFET™ Power MOSFET
REVISED MARCH 2024
CSD18511KCS.B TI2-CSD18511KCS.B Datasheet
864Kb / 13P
CSD18511KCS 40V N-Channel NexFET™ Power MOSFET
REVISED MARCH 2024
More results

Similar Description - CSD18511KCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18502Q5B TI-CSD18502Q5B Datasheet
1Mb / 12P
40-V, N-Channel NexFET Power MOSFETs
CSD18503KCS TI-CSD18503KCS Datasheet
740Kb / 8P
40-V, N-Channel NexFET Power MOSFETs
CSD18504KCS TI-CSD18504KCS Datasheet
299Kb / 8P
40-V, N-Channel NexFET Power MOSFETs
CSD18514Q5A TI1-CSD18514Q5A Datasheet
450Kb / 13P
CSD18514Q5A 40-V N-Channel NexFET Power MOSFET
CSD18513Q5A TI1-CSD18513Q5A Datasheet
608Kb / 13P
CSD18513Q5A 40-V N-Channel NexFET Power MOSFET
CSD18511Q5A TI1-CSD18511Q5A Datasheet
602Kb / 13P
CSD18511Q5A 40 V N-Channel NexFET Power MOSFET
CSD18510KTT TI1-CSD18510KTT Datasheet
413Kb / 13P
CSD18510KTT 40-V N-Channel NexFET Power MOSFET
CSD18512Q5B TI1-CSD18512Q5B Datasheet
659Kb / 13P
CSD18512Q5B 40 V N-Channel NexFET Power MOSFET
CSD18510KCS TI1-CSD18510KCS Datasheet
526Kb / 13P
40-V N-Channel NexFET Power MOSFET
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
40-V N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com