Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP2000FQC Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DLP2000FQC
Description  DLP2000 (.2nHD) DMD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2000FQC Datasheet(HTML) 3 Page - Texas Instruments

  DLP2000FQC Datasheet HTML 1Page - Texas Instruments DLP2000FQC Datasheet HTML 2Page - Texas Instruments DLP2000FQC Datasheet HTML 3Page - Texas Instruments DLP2000FQC Datasheet HTML 4Page - Texas Instruments DLP2000FQC Datasheet HTML 5Page - Texas Instruments DLP2000FQC Datasheet HTML 6Page - Texas Instruments DLP2000FQC Datasheet HTML 7Page - Texas Instruments DLP2000FQC Datasheet HTML 8Page - Texas Instruments DLP2000FQC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
1
2
3
4
6
K
J
1
5
10
15
20
21
7
5
13
11
9
A
H G
F
E
D
C B
23
21
19
17
15
38
41
39
37
35
33
31
29
27
25
3
DLP2000
www.ti.com
DLPS078 – JULY 2017
Product Folder Links: DLP2000
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
FQC Package
42-Pin LGA
Bottom View
Pin Functions
PIN
TYPE
SIGNAL
DATA
RATE
DESCRIPTION
PACKAGE NET
LENGTH (mm)
NAME
NO.
DATA INPUTS
DATA(0)
J13
Input
LVCMOS
DDR
Input Data Bus.
8.83
DATA(1)
J2
Input
LVCMOS
DDR
Input Data Bus.
7.53
DATA(2)
J4
Input
LVCMOS
DDR
Input Data Bus.
6.96
DATA(3)
J6
Input
LVCMOS
DDR
Input Data Bus.
7.05
DATA(4)
J7
Input
LVCMOS
DDR
Input Data Bus.
7.56
DATA(5)
J8
Input
LVCMOS
DDR
Input Data Bus.
7.07
DATA(6)
J12
Input
LVCMOS
DDR
Input Data Bus.
7.61
DATA(7)
J10
Input
LVCMOS
DDR
Input Data Bus.
7.68
DATA(8)
K4
Input
LVCMOS
DDR
Input Data Bus.
7.31
DATA(9)
K2
Input
LVCMOS
DDR
Input Data Bus.
6.76
DATA(10)
K7
Input
LVCMOS
DDR
Input Data Bus.
8.18
DATA(11)
K6
Input
LVCMOS
DDR
Input Data Bus.
7.81
DCLK
K9
Input
LVCMOS
Input Data Clock.
7.78
CONTROL INPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com