Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # PLCC20
Description  PLCC 20
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PLCC20 Datasheet(HTML) 1 Page - STMicroelectronics

  PLCC20 Datasheet HTML 1Page - STMicroelectronics PLCC20 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thermal Data
PLCC 20
item #
material
thickness
thermal
conductivity
leadframe
copper
0.25 mm
2.61 W/cm°C
die attach
epoxy glue
( silver filler )
10-40 µm
0.01 W/cm°C
molding
compound
epoxy resin
3.6 mm
0.0063W/cm°C
PACKAGE MATERIAL LIST
Charts enclosed :
1) Rth(j-a) vs power dissipation
2) Rth(j-a) vs on board trace area
3) Zth(j-a) vs time width and die size
February 1998
1/2
20 leads
®


Similar Part No. - PLCC20

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PLCC20AG ADAM-TECH-PLCC20AG Datasheet
120Kb / 1P
PLCC SOCKETS
PLCC20AGSMT ADAM-TECH-PLCC20AGSMT Datasheet
120Kb / 1P
PLASTIC LEADED CHIP CARRIER SOCKET SURFACE MOUNT
PLCC20AT ADAM-TECH-PLCC20AT Datasheet
120Kb / 1P
PLCC SOCKETS
PLCC20ATSMT ADAM-TECH-PLCC20ATSMT Datasheet
120Kb / 1P
PLASTIC LEADED CHIP CARRIER SOCKET SURFACE MOUNT
logo
List of Unclassifed Man...
PLCC20GN ETC1-PLCC20GN Datasheet
48Kb / 1P
PLASTIC LEADED CHIP CARRIER
More results

Similar Description - PLCC20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9301 ETC2-9301 Datasheet
164Kb / 1P
ACCEPTS 20 PIN PLCC BUILD PLUG-IN TEST CIRCUITS AND MODULES
logo
Adam Technologies, Inc.
PLCC68AT ADAM-TECH-PLCC68AT Datasheet
120Kb / 1P
PLCC SOCKETS
PLCC-20-AT ADAM-TECH-PLCC-20-AT Datasheet
128Kb / 2P
PLCC SOCKETS
PLCC-32-AT-SMT ADAM-TECH-PLCC-32-AT-SMT Datasheet
114Kb / 1P
PLCC SOCKETS
logo
Aries Electronics, Inc.
20-301550-10 ARIES-20-301550-10 Datasheet
626Kb / 1P
Adapter for Motorola MC145158-2 SOIC DW-to-20-Pin PLCC
16-307349-11-RC-P ARIES-16-307349-11-RC-P Datasheet
655Kb / 1P
20-Pin PLCC-to-16-Pin DIP Pkg Converter
logo
Yamaichi Electronics Co...
IC160Z-0204-240 YAMAICHI-IC160Z-0204-240 Datasheet
171Kb / 3P
PLCC (SMT)
logo
List of Unclassifed Man...
PA52-PP ETC2-PA52-PP Datasheet
36Kb / 1P
52 pin PLCC socket/52 pin PLCC plug
logo
Aries Electronics, Inc.
18079 ARIES-18079 Datasheet
723Kb / 1P
Adapter for Motorola MC145158-2 SOIC DW-to-20-Pin PLCC
18101RC ARIES-18101RC Datasheet
730Kb / 1P
National MM58274CV 20-Pin PLCC-to-16-Pin DIP Pkg Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com