Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C0603C362J5GACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603C362J5GACTU
Description  Ceramic, Commercial-(CxxxxC), 3600 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C362J5GACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0603C362J5GACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - d8764e98-67fe-4739-a70b-68083d2d4687
KEMET Part Number: C0603C362J5GACTU
(C0603C362J5GAC7867)
Ceramic, Commercial-(CxxxxC), 3600 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
Dimensions
L
1.6mm +/-0.15mm
W
0.8mm +/-0.15mm
T
0.8mm +/-0.07mm
S
0.7mm MIN
B
0.35mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 0603
Description: SMD, MLCC, Ultra-Stable, Low
Loss, Class I
Features: Ultra-Stable, Low Loss, Class I
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous: Note: KEMET 50V rated parts
may be operated at 63 Volts
Specifications
Capacitance: 3600 pF
Capacitance Tolerance: 5%
Voltage DC: 50 VDC
Dielectric Withstanding
Voltage: 125 V
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.1%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0603C362J5GACTU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
C0603C360J5GACTU AD-C0603C360J5GACTU Datasheet
282Kb / 8P
Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
logo
Kemet Corporation
C0603C360J5GACTU KEMET-C0603C360J5GACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 36 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results

Similar Description - C0603C362J5GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C562J5GACTU KEMET-C0603C562J5GACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 5600 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C112J5GACTU KEMET-C0603C112J5GACTU Datasheet
72Kb / 1P
Ceramic, Commercial-(CxxxxC), 1100 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C242J5GACTU KEMET-C0603C242J5GACTU Datasheet
72Kb / 1P
Ceramic, Commercial-(CxxxxC), 2400 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C271J5GACTU KEMET-C0603C271J5GACTU Datasheet
72Kb / 1P
Ceramic, Commercial-(CxxxxC), 270 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C272J5GACTU KEMET-C0603C272J5GACTU Datasheet
72Kb / 1P
Ceramic, Commercial-(CxxxxC), 2700 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C300J5GACTU KEMET-C0603C300J5GACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 30 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C471J5GACTU KEMET-C0603C471J5GACTU Datasheet
72Kb / 1P
Ceramic, Commercial-(CxxxxC), 470 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C561J5GACTU KEMET-C0603C561J5GACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 560 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C680J5GACTU KEMET-C0603C680J5GACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 68 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C750J5GACTU KEMET-C0603C750J5GACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 75 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com