Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1510134412 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 1510134412
Description  2.00mm Pitch Milli-Grid BMI Header, Vertical, Through Hole, Shrouded, 12 Circuits
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1510134412 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  1510134412 Datasheet HTML 1Page - Molex Electronics Ltd. 1510134412 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
2.0A
Voltage - Maximum
125V
Solder Process Data
Duration at Max. Process Temperature (seconds)
005
Lead-freeProcess Capability
SMC&WAVE
Max. Cycles at Max. Process Temperature
001
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Product Specification
PS-151013-0001-001
Sales Drawing
SD-151013-0001-000
This document was generated on 08/03/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com