Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4801HWSC Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT4801HWSC
Description  Dual Output LCD Bias for Smartphones and Tablets
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4801HWSC Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT4801HWSC Datasheet HTML 9Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 10Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 11Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 12Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 13Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 14Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 15Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 16Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
RT4801H
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4801H-00
May
2016
www.richtek.com
13
Quiescent Current vs. Temperature
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
-40
-20
0
20
40
60
80
100
Temperature (°C)
VIN = 3.7V
Input Voltage vs. Temperature
2.10
2.12
2.14
2.16
2.18
2.20
2.22
2.24
2.26
2.28
2.30
-40
-20
0
20
40
60
80
100
Temperature (°C)
UVLO Rising
UVLO Falling
VIN = 3.7V, VOP = 5V, IOP = 0mA
VOP
(10mV/Div)
Time (1ms/Div)
VOP Ripple Voltage
VOP
(10mV/Div)
Time (1ms/Div)
VOP Ripple Voltage
VIN = 3.7V, VOP = 5V, IOP = 20mA
VOP
(10mV/Div)
Time (1ms/Div)
VOP Ripple Voltage
VIN = 3.7V, VOP = 5V, IOP = 40mA
VOP
(10mV/Div)
Time (1ms/Div)
VOP Ripple Voltage
VIN = 3.7V, VOP = 5V, IOP = 80mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com