Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5016C Datasheet(PDF) 68 Page - Richtek Technology Corporation

Part # RT5016C
Description  I2C Programmable Multi-Channel PMU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5016C Datasheet(HTML) 68 Page - Richtek Technology Corporation

Back Button RT5016C Datasheet HTML 60Page - Richtek Technology Corporation RT5016C Datasheet HTML 61Page - Richtek Technology Corporation RT5016C Datasheet HTML 62Page - Richtek Technology Corporation RT5016C Datasheet HTML 63Page - Richtek Technology Corporation RT5016C Datasheet HTML 64Page - Richtek Technology Corporation RT5016C Datasheet HTML 65Page - Richtek Technology Corporation RT5016C Datasheet HTML 66Page - Richtek Technology Corporation RT5016C Datasheet HTML 67Page - Richtek Technology Corporation RT5016C Datasheet HTML 68Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 68 / 68 page
background image
RT5016C
68
DS5016C-02
November 2016
www.richtek.com
Richtek Technology Corporation
14F, No. 8, Tai Yuen 1st Street, Chupei City
Hsinchu, Taiwan, R.O.C.
Tel: (8863)5526789
Richtek products are sold by description only. Richtek reserves the right to change the circuitry and/or specifications without notice at any time. Customers should
obtain the latest relevant information and data sheets before placing orders and should verify that such information is current and complete. Richtek cannot
assume responsibility for use of any circuitry other than circuitry entirely embodied in a Richtek product. Information furnished by Richtek is believed to be
accurate and reliable. However, no responsibility is assumed by Richtek or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Richtek or its subsidiaries.
Outline Dimension
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.150
0.250
0.006
0.010
D
4.950
5.050
0.195
0.199
D2
3.250
3.500
0.128
0.138
E
4.950
5.050
0.195
0.199
E2
3.250
3.500
0.128
0.138
e
0.400
0.016
L
0.350
0.450
0.014
0.018
W-Type 40L QFN 5x5 Package
Note : The configuration of the Pin #1 identifier is optional,
but must be located within the zone indicated.
DETAIL A
Pin #1 ID and Tie Bar Mark Options
1
1
2
2
D
E
D2
E2
L
b
A
A1
A3
e
1
SEE DETAIL A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com