Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5028 Datasheet(PDF) 39 Page - Richtek Technology Corporation

Part # RT5028
Description  Integrated PMIC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5028 Datasheet(HTML) 39 Page - Richtek Technology Corporation

Back Button RT5028 Datasheet HTML 32Page - Richtek Technology Corporation RT5028 Datasheet HTML 33Page - Richtek Technology Corporation RT5028 Datasheet HTML 34Page - Richtek Technology Corporation RT5028 Datasheet HTML 35Page - Richtek Technology Corporation RT5028 Datasheet HTML 36Page - Richtek Technology Corporation RT5028 Datasheet HTML 37Page - Richtek Technology Corporation RT5028 Datasheet HTML 38Page - Richtek Technology Corporation RT5028 Datasheet HTML 39Page - Richtek Technology Corporation RT5028 Datasheet HTML 40Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
39
DS5028-02
September 2016
www.richtek.com
RT5028
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Outline Dimension
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.150
0.250
0.006
0.010
D
6.900
7.100
0.272
0.280
D2
5.150
5.250
0.203
0.207
E
6.900
7.100
0.272
0.280
E2
5.150
5.250
0.203
0.207
e
0.400
0.016
L
0.350
0.450
0.014
0.018
W-Type 56L QFN 7x7 Package
Note : The configuration of the Pin #1 identifier is optional,
but must be located within the zone indicated.
DETAIL A
Pin #1 ID and Tie Bar Mark Options
1
1
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com