Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8900PC Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT8900PC
Description  Level Shifter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8900PC Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT8900PC Datasheet HTML 3Page - Richtek Technology Corporation RT8900PC Datasheet HTML 4Page - Richtek Technology Corporation RT8900PC Datasheet HTML 5Page - Richtek Technology Corporation RT8900PC Datasheet HTML 6Page - Richtek Technology Corporation RT8900PC Datasheet HTML 7Page - Richtek Technology Corporation RT8900PC Datasheet HTML 8Page - Richtek Technology Corporation RT8900PC Datasheet HTML 9Page - Richtek Technology Corporation RT8900PC Datasheet HTML 10Page - Richtek Technology Corporation RT8900PC Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
RT8900
11
DS8900-06
September 2011
www.richtek.com
Information that is provided by Richtek Technology Corporation is believed to be accurate and reliable. Richtek reserves the right to make any change in circuit
design, specification or other related things if necessary without notice at any time. No third party intellectual property infringement of the applications should be
guaranteed by users when integrating Richtek products into any application. No legal responsibility for any said applications is assumed by Richtek.
Richtek Technology Corporation
Headquarter
5F, No. 20, Taiyuen Street, Chupei City
Hsinchu, Taiwan, R.O.C.
Tel: (8863)5526789 Fax: (8863)5526611
Richtek Technology Corporation
Taipei Office (Marketing)
5F, No. 95, Minchiuan Road, Hsintien City
Taipei County, Taiwan, R.O.C.
Tel: (8862)86672399 Fax: (8862)86672377
Email: marketing@richtek.com
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.150
0.300
0.006
0.012
D
3.900
4.100
0.154
0.161
Option 1
2.650
2.750
0.104
0.108
D2
Option 2
2.100
2.200
0.083
0.087
E
3.900
4.100
0.154
0.161
Option 1
2.650
2.750
0.104
0.108
E2
Option 2
2.100
2.200
0.083
0.087
e
0.500
0.020
L
0.350
0.450
0.014
0.018
W-Type 20L QFN 4x4 Package
Note : The configuration of the Pin #1 identifier is optional,
but must be located within the zone indicated.
DETAIL A
Pin #1 ID and Tie Bar Mark Options
1
1
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com