Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2832 Datasheet(PDF) 2 Page - NEC

Part # PS2832
Description  HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI OPTOCOUPLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2832 Datasheet(HTML) 2 Page - NEC

  PS2832 Datasheet HTML 1Page - NEC PS2832 Datasheet HTML 2Page - NEC PS2832 Datasheet HTML 3Page - NEC PS2832 Datasheet HTML 4Page - NEC PS2832 Datasheet HTML 5Page - NEC PS2832 Datasheet HTML 6Page - NEC PS2832 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PS2832-1, -4, PS2833-1, -4
MARKING
32
003
Assembly lot
Last number of type No. 32/33
Week Assembled
Year Assembled (Last 1 Digit)
0 03
NEC
PS2832-4
N 003
Week Assembled
N 0 03
Year Assembled (last 1 digit)
Country Assembled
Type Number
Assembly lot
No. 1 pin
mark
CTR Rank Code
PS2832-1
PS2833-1
PS2832-4
PS2833-4
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
Diode
PS2832-1
PS2833-1
PS2832-4
PS2833-4
IF
Forward Current (DC)
mA
50
VR
Reverse Voltage
V
6
∆PD/°C
Power Dissipation Derating
mW/°C
0.6
0.8
PD
Power Dissipation
mW/Ch
60
80
IF(Peak)
Peak Forward Current
A
1
PW = 100 µs, Duty Cycle 1%
Transistor
VCEO
Collector to Emitter Voltage
V
300
350
300
350
VECO
Emitter to Collector Voltage
V
0.3
IC
Collector Current
mA/Ch
60
∆PC/°C
Power Dissipation Derating
mW/°C
1.2
PC
Power Dissipation
mW/Ch
120
Coupled
BV
Isolation Voltage2
Vr.m.s.
2500
TA
Operating Ambient Temp.
°C
-55 to +100
TSTG
Storage Temperature
°C
-55 to +150
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. AC voltage for 1 minute at TA = 25 °C, RH = 60 % between
input and output.
OUTLINE DIMENSIONS (Units in mm)
PS2832-1
PS2833-1
PS2832-4
PS2833-4
1. Anode
2. Cathode
3. Emitter
4. Collector
1, 3, 5, 7.
Anode
2, 4, 6, 8.
Cathode
9, 11, 13, 15.
Emitter
10, 12, 14, 16. Collector
12
3
4
56
7
8
16 15 14 13 12 11 10
9
12
43
1.27
0.12
0.40
+0.10
-0.05
10.3±0.3
16
9
8
1
0.63 MAX
7.0 ± 0.3
4.4
0.5 ± 0.3
1.3
M
2.7±0.3
43
12
1.27
0.12
0.4 ± 0.10
7.0 ± 0.3
4.4
1.3
0.5 ± 0.3
M



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com