Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5200 Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SC5200
Description  Silicon NPN transistor in a TO-3P Plastic Package.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SC5200 Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SC5200 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC5200 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC5200 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC5200 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC5200 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC5200 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SC5200
Rev.E Nov.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
TO-3P 塑封封装 NPN 半导体三极管。Silicon NPN transistor in a TO-3P Plastic Package.

用于 100W 高保真音频功率输出,与 2SA1943 互补。
Recommend for 100W high fidelity audio frequency amplifier output stage, Complementary to
2SA1943.
用于一般功率放大。
Power amplifier applications.

PIN1
:Base
PIN 2
:Collector
PIN 3
:Emitter
放大及印章代码 / hFE Classifications & Marking
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
hFE Classifications
Symbol
R
O
hFE Range
55~110
80~160


Similar Part No. - 2SC5200

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC5200 UTC-2SC5200 Datasheet
94Kb / 3P
POWER AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
2SC5200 FAIRCHILD-2SC5200 Datasheet
205Kb / 6P
NPN Epitaxial Silicon Transistor
logo
Savantic, Inc.
2SC5200 SAVANTIC-2SC5200 Datasheet
229Kb / 4P
Silicon NPN Power Transistors
logo
Toshiba Semiconductor
2SC5200 TOSHIBA-2SC5200 Datasheet
127Kb / 4P
Power Amplifier Applications
logo
New Jersey Semi-Conduct...
2SC5200 NJSEMI-2SC5200 Datasheet
281Kb / 2P
POWER AMPLIFIER APPLICATION
More results

Similar Description - 2SC5200

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2SC3320 FOSHAN-2SC3320 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-3P Plastic Package.
2SC4237 FOSHAN-2SC4237 Datasheet
1,012Kb / 6P
Silicon NPN transistor in a TO-3P Plastic Package.
2SC5198 FOSHAN-2SC5198 Datasheet
949Kb / 6P
Silicon NPN transistor in a TO-3P Plastic Package.
BU508A FOSHAN-BU508A Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-3P Plastic Package.
NJW0281G FOSHAN-NJW0281G Datasheet
906Kb / 6P
Silicon NPN transistor in a TO-3P Plastic Package.
2SD2625V9 FOSHAN-2SD2625V9 Datasheet
879Kb / 6P
Silicon NPN Transistor in a TO-3P Plastic Package
2SD2625X9 FOSHAN-2SD2625X9 Datasheet
881Kb / 6P
Silicon NPN Transistor in a TO-3P Plastic Package
2SD2625Z9 FOSHAN-2SD2625Z9 Datasheet
879Kb / 6P
Silicon NPN Transistor in a TO-3P Plastic Package
MJE13007V9 FOSHAN-MJE13007V9 Datasheet
880Kb / 6P
Silicon NPN Transistor in a TO-3P Plastic Package
MJE13009X9 FOSHAN-MJE13009X9 Datasheet
880Kb / 6P
Silicon NPN Transistor in a TO-3P Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com