Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS240 Datasheet(PDF) 3 Page - ON Semiconductor

Part # SN74LS240
Description  Octal Buffer/Line Driver with 3-State Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS240 Datasheet(HTML) 3 Page - ON Semiconductor

  SN74LS240 Datasheet HTML 1Page - ON Semiconductor SN74LS240 Datasheet HTML 2Page - ON Semiconductor SN74LS240 Datasheet HTML 3Page - ON Semiconductor SN74LS240 Datasheet HTML 4Page - ON Semiconductor SN74LS240 Datasheet HTML 5Page - ON Semiconductor SN74LS240 Datasheet HTML 6Page - ON Semiconductor SN74LS240 Datasheet HTML 7Page - ON Semiconductor SN74LS240 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SN74LS240, SN74LS244
http://onsemi.com
3
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VT+–VT–
Hysteresis
0.2
0.4
V
VCC = MIN
VIK
Input Clamp Diode Voltage
–0.65
–1.5
V
VCC = MIN, IIN = –18 mA
V
Output HIGH Voltage
2.4
3.4
V
VCC = MIN, IOH = –3.0 mA
VOH
Output HIGH Voltage
2.0
V
VCC = MIN, IOH = MAX
V
Output LOW Voltage
0.25
0.4
V
IOL = 12 mA
VCC = VCC MIN,
V
V
or V
VOL
Output LOW Voltage
0.35
0.5
V
IOL = 24 mA
VIN = VIL or VIH
per Truth Table
IOZH
Output Off Current HIGH
20
µA
VCC = MAX, VOUT = 2.7 V
IOZL
Output Off Current LOW
–20
µA
VCC = MAX, VOUT = 0.4 V
I
Input HIGH Current
20
µA
VCC = MAX, VIN = 2.7 V
IIH
Input HIGH Current
0.1
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
–0.2
mA
VCC = MAX, VIN = 0.4 V
IOS
Output Short Circuit Current (Note 1.)
–40
–225
mA
VCC = MAX
Power Supply Current
Total, Output HIGH
27
Total, Output LOW
LS240
44
ICC
LS244
46
mA
VCC = MAX
Total at HIGH Z
LS240
50
LS244
54
1. Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25°C, VCC = 5.0 V)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tPLH
tPHL
Propagation Delay, Data to Output
LS240
9.0
12
14
18
ns
tPLH
tPHL
Propagation Delay, Data to Output
LS244
12
12
18
18
ns
CL = 45 pF,
RL = 667 Ω
tPZH
Output Enable Time to HIGH Level
15
23
ns
RL = 667 Ω
tPZL
Output Enable Time to LOW Level
20
30
ns
tPLZ
Output Disable Time from LOW Level
15
25
ns
CL = 5.0 pF,
tPHZ
Output Disable Time from HIGH Level
10
18
ns
CL = 5.0 F,
RL = 667 Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com