Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR2010 Datasheet(PDF) 1 Page - Riedon Powertron

Part # CSR2010
Description  Power Current Sense Chip Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

CSR2010 Datasheet(HTML) 1 Page - Riedon Powertron

  CSR2010 Datasheet HTML 1Page - Riedon Powertron CSR2010 Datasheet HTML 2Page - Riedon Powertron CSR2010 Datasheet HTML 3Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
8/16
Type
Power Rating
( W ) at 80°C
Resistances
( mΩ )
TCR
( ppm/
°C )
Tolerances
Operating
Temperature
Range
MAX
Operating
Voltage
CSR1206
1
0.5 - 10
±50
±200 (0.5mΩ)
0.5%(3)
1%
3%
5%
-55°C
to
+170°C
√(P*R)
CSR2010
1.5
0.5 - 10
±50
±100 (0.5mΩ)
CSR2512
1
0.5, 0.75, 1, 1.5, 2
±50
15 - 100
6, 6.5, 7, 10,
11, 12, 13, 14
±75
4, 5, 10
±100
2.5, 3
±150
CSR2512A1
2
0.5, 0.75, 1, 1.5, 2
6.5, 7, 8, 9, 10,
±50
15 - 100
6, 6.5, 7, 10,
11, 12, 13, 14
±75
4, 5, 10
±100
2.5, 3
±150
CSR2512B2
2.5
4, 4.5, 5, 6
±50
CSR2512C2
3
0.5, 0.75
±100
10 - 14
±75
1, 1.5, 2, 3,
±50
15 - 100
CSR Series
• Resistances from 0.5 mOhm to 100 mOhm
• Power Rating up to 3 Watts
• Resistance Tolerances to ± 0.5%
• TCR’s to ±50 ppm/°C
• Sizes: 1206 / 2010 / 2512
SPECIFICATIONS
Power Current Sense Chip Resistor
1
6.5, 7, 8, 9 mΩ at 50ppm have green coating
2
All values under 10 mΩ have green coating
3
0.5% applies to 15mΩ and above
• Low Inductance (< 5nH)


Similar Part No. - CSR2010

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CSR2010 RIEDON-CSR2010 Datasheet
219Kb / 2P
Ultra Low Ohm (Metal Strip) Chip Resistor
CSR2010 RIEDON-CSR2010 Datasheet
185Kb / 3P
Ultra Low Ohm (Metal Strip) Chip Resistor
logo
List of Unclassifed Man...
CSR2010 ETC2-CSR2010 Datasheet
116Kb / 6P
CSR/CSRN Series Thick Film Current Sensing Resistor
logo
Riedon Powertron
CSR2010 RIEDON-CSR2010 Datasheet
203Kb / 3P
Power Current Sense Chip Resistor
CSR2010 RIEDON-CSR2010 Datasheet
170Kb / 3P
CSR Series
More results

Similar Description - CSR2010

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CSR RIEDON-CSR Datasheet
203Kb / 3P
Power Current Sense Chip Resistor
CSR1206-0R005F1 RIEDON-CSR1206-0R005F1 Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR1206-0R007F1 RIEDON-CSR1206-0R007F1 Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512A0R02F RIEDON-CSR2512A0R02F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512A0R007F RIEDON-CSR2512A0R007F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512B0R004F RIEDON-CSR2512B0R004F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512B0R005F RIEDON-CSR2512B0R005F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512C0R002F RIEDON-CSR2512C0R002F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR25120R025F RIEDON-CSR25120R025F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512C0R1F RIEDON-CSR2512C0R1F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com