Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR2512C2 Datasheet(PDF) 2 Page - Riedon Powertron

Part # CSR2512C2
Description  Power Current Sense Chip Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

CSR2512C2 Datasheet(HTML) 2 Page - Riedon Powertron

  CSR2512C2 Datasheet HTML 1Page - Riedon Powertron CSR2512C2 Datasheet HTML 2Page - Riedon Powertron CSR2512C2 Datasheet HTML 3Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
8/16
Test
Specification
Test Method
Black Coating
Green Coating
Temperature Coefficient
of Resistance
As Spec.
+25/-55/+25/+125/+25°C
Short Time Overload
+1.0%
+1.0%
5x rated power for 5 seconds
Load Life
+1.0%
+1.0%
70±2°C, Max. working voltage for 1000 hrs with 1.5 hrs
“ON”
and 0.5 hrs “OFF”
Dry Heat
+1.0%
+1.0%
at +170°C for 1000 hrs
Solderability
Terminal Finish = Nickel Tin
95% min. coverage
245±5°C for 3 seconds
Resistance to Soldering
Heat
+0.5%
+1.0%
260±5°C for 10 seconds
Thermal Shock
+0.5%
±(0.5%+0.05Ω)
-55°C ~ 150°C, 100 cycles
Resistance Elements
0.5mOHM to 3mOHM Manganese, Copper
3.5mOHM to 10mOHM Aluminum, Iron, Chromium
Specifications
*Green Coating can’t be used in solder bath
CSR Series
Power Current Sense Chip Resistor
Reel Sizes
Type
Quantity
CSR1206
Embossed Tape
2000
CSR2010
CSR2512*
Ordering Information
Part Description: Part Type - Resistance - Tolerance - TCR
Example: CSR2512 1mOhm 1% 50ppm
Power Derating Curve
0
20
40
60
80
100
120
0
20
40
60
80
100
120
Ambient Temperature (°C)
140
160
180
*10
mΩ & above is 4Kpc/T&R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com