Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH615A-4XSMT-R Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

Part # SFH615A-4XSMT-R
Description  LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

SFH615A-4XSMT-R Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  SFH615A-4XSMT-R Datasheet HTML 1Page - ISOCOM COMPONENTS SFH615A-4XSMT-R Datasheet HTML 2Page - ISOCOM COMPONENTS SFH615A-4XSMT-R Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ABSOLUTEMAXIMUMRATINGS
(25°C unless otherwise specified)
Storage Temperature
-55°C to + 125°C
OperatingTemperature
-30°C to + 100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUTDIODE
Forward Current
50mA
Reverse Voltage
6V
Power Dissipation
70mW
OUTPUTTRANSISTOR
Collector-emitterVoltage BV
CEO
70V
Emitter-collectorVoltage BV
ECO
6V
Collector Current
50mA
Power Dissipation
150mW
POWERDISSIPATION
Total Power Dissipation
200mW
(derate linearly 2.67mW/°C above 25°C)
7/8/08
1.2
3.0
4.0
3.0
3.35
7.0
6.0
0.5
0.5
7.62
1
2
4
3
0.26
13°
Max
2.54
Dimensions in mm
LOW INPUT CURRENT
PHOTOTRANSISTOR
OPTICALLY COUPLED ISOLATORS
APPROVALS
UL recognised, File No. E91231
Package Code " EE "
'X'SPECIFICATIONAPPROVALS
VDE 0884 in 3 available lead form : -
- STD
-Gform
- SMD approved to CECC 00802
Certified to EN60950 by Nemko
CertificateNo.P01102465
DESCRIPTION
The SFH615A series of optically coupled isolators
consist of infrared light emitting diodes and NPN
silicon photo transistors in space efficient dual in line
plastic packages.
FEATURES
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Taper & reel - add SMT&R after part no.
Low input current 1mA I
F
High Current Transfer Ratios
High Isolation Voltage (5.3kV
RMS ,7.5kVPK )
High BV
CEO (70V min)
All electrical parameters 100% tested
APPLICATIONS
Computer terminals
Industrial systems controllers
Measuring instruments
5.08
4.08
OPTION G
7.62
SURFACE MOUNT
OPTION SM
10.16
0.26
ISOCOMCOMPONENTS2004LTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, Cleveland, TS25 1UD
Tel:(01429)863609 Fax:(01429)863581
10.46
9.86
0.6
0.1
1.25
0.75
SFH615A-1X, SFH615A-2X, SFH615A-3X,
SFH615A-4X, SFH615A-1, SFH615A-2,
SFH615A-3, SFH615A-4
DB92538


Similar Part No. - SFH615A-4XSMT-R

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
SFH615A-4XSM ISOCOM-SFH615A-4XSM Datasheet
126Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results

Similar Description - SFH615A-4XSMT-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFH628-2X ETC-SFH628-2X Datasheet
48Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH617G-1X ETC-SFH617G-1X Datasheet
49Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH617A-2 ETC-SFH617A-2 Datasheet
50Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
IS204X ISOCOM-IS204X Datasheet
79Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH617G-1X ISOCOM-SFH617G-1X Datasheet
260Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH617A-1 ISOCOM-SFH617A-1_08 Datasheet
69Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH628A-2 ISOCOM-SFH628A-2 Datasheet
77Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH615A-2X ISOCOM-SFH615A-2X Datasheet
126Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH615A-2XSMT-R ISOCOM-SFH615A-2XSMT-R Datasheet
126Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH617A-2XSM ISOCOM-SFH617A-2XSM Datasheet
69Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com