Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSTINIM400 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DSTINIM400
Description  Networked Microcontroller Evaluation Kit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DSTINIM400 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DSTINIM400 Datasheet HTML 1Page - Maxim Integrated Products DSTINIM400 Datasheet HTML 2Page - Maxim Integrated Products DSTINIM400 Datasheet HTML 3Page - Maxim Integrated Products DSTINIM400 Datasheet HTML 4Page - Maxim Integrated Products DSTINIM400 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS80C400 (DSTINIm400) Networked Microcontroller EV KIT
2 of 5
COMPONENT LIST (continued)
DESIGNATION
QTY
DESCRIPTION
R6
1
10
W, ±5% resistor (0805)
U1
1
DS80C400 networked
microcontroller
U2, U3
2
HM62W8512BLTT-7UL
512kB RAM
U4
1
AM29LV081B-70EC 1MB flash
U5, U6
2
MAX6365PKA31 reset
controllers
DESIGNATION
QTY
DESCRIPTION
U7
1
MAX1792EUA18 voltage
regulator
U8
1
DS1672U-33 real-time clock
U9
1
DS2502-E48 IEEE MAC
address
Y1
1
14.7456MHz crystal
Y2
1
32kHz crystal
QUICK START
It is highly recommended that the developer use the DSTINIs400 sockets board in conjunction with the
DSTINIm400. The DSTINIs400 was specifically designed to hold the DSTINIm400 and provide the physical
interconnects (Ethernet PHY), as well as the 1-Wire, I
2C™, SPI™, CAN, and four serial port connectors.
If the developer wishes to implement his or her own design using the DSTINIm400, a 144-pin SODIMM connector
such as the Hirose SX6E-144S-0.8SH is required.
The TINIm400 must be seated correctly into the DSTINIs400 to ensure a proper connection. Insert the TINIm400
into the connector at a 30-degree angle. Place index fingers behind the SODIMM connector and place thumbs on
the top edge of the TINIm400, pressing firmly until it clicks into place or seats with only a millimeter of gold contact
exposed. Press the TINIm400 down parallel to the TINIs400 until the side arms latch into the center of the
semicircular cutouts on the TINIm400.
Note that the flash used on the DSTINIm400 limits applications to a maximum of 2x clock multiplier mode with the
included 14.7456MHz crystal. Use of the 4x clock multiplier mode results in unstable operations.
FOR MORE INFORMATION
TINI platform details can be found at www.maxim-ic.com/TINI. The TINI Specification and Developer’s Guide
(Addison-Welsey, 2001) is an invaluable resource when developing with the TINI platform. Download a free copy
from our website at www.maxim-ic.com/TINIguide.
DS80C400 INFORMATION
For more information about the DS80C400 network microcontroller, please consult the DS80C400 data sheet
available on our website at www.maxim-ic.com/microcontrollers.
ADDITIONAL RESOURCES
For detailed information about the initial setup and use of the TINI platform, refer to Application Note 612: Getting
Started with the TINIm400 (DS80C400) Verification Module at www.maxim-ic.com/appnoteindex.
DS80C400 Networked Microcontroller Data Sheet: www.maxim-ic.com/DS80C400
Microcontroller Website: www.maxim-ic.com/microcontrollers
I
2C is a trademark of Philips Corp. Purchase of I2C components of Maxim Integrated Products, Inc., or one of its sublicensed Associated
Companies, conveys a license under the Philips I
2C Patent Rights to use these components in an I2C system, provided that the system
conforms to the I
2C Standard Specification as defined by Philips.
SPI is a trademark of Motorola Inc.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com