Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB346 Datasheet(PDF) 2 Page - Motorola, Inc

Part # EB346
Description  Semiconductor Products Sector Engineering Bulletin
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

EB346 Datasheet(HTML) 2 Page - Motorola, Inc

  EB346 Datasheet HTML 1Page - Motorola, Inc EB346 Datasheet HTML 2Page - Motorola, Inc EB346 Datasheet HTML 3Page - Motorola, Inc EB346 Datasheet HTML 4Page - Motorola, Inc EB346 Datasheet HTML 5Page - Motorola, Inc EB346 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
DSP56302 and DSP56309 Functional Differences
3
Input Power Changes
One method to increase the operating frequency of an integrated circuit is to “shrink” the die (that is,
reduce the die dimensions, both linearly and vertically). Reducing the die size can yield additional benefits,
such as a reduction of power consumption, but can also result in other functional changes. The DSP56309
is a “shrink” of the DSP56302. This die size reduction enables the DSP56309 to achieve higher operating
frequencies. Decreasing the die size, however, requires a reduction of the thickness of the oxide dielectrics,
which also reduces the maximum allowable voltages across some oxides within the die. To support future
“shrinks” of the DSP56309 while maximizing system level compatibility, Motorola has elected to separate
the power supply networks on the die. This split allows the I/O pins to operate over a voltage range which
is different from that used by the core digital logic. Although the initial release of this product specifies the
same voltage ranges for the I/O pins and the core logic, future versions of the DSP56309 or its derivatives
are likely to have reduced core logic VCC requirements (for example, 2.5 V and lower voltages) while the
I/O levels use a higher level (for example, 3.3 V). This allows Motorola to continue aggressively to
“shrink” the device, while preserving the ability to maintain system level compatibility.
The split-power design requires a modification in the chip pinout. A top view of the DSP56309 TQFP
package is shown in Figure 1. Table 2 lists the pin differences between the DSP56302 and the DSP56309.
Note:
The power input for the core logic is designated VCCQ for the DSP56302. For the DSP56309, the
independent core logic input voltage is designated VCCQL, while the independent I/O input voltage
is designated VCCQH. VCCQL should be connected to the core input power supply. VCCQH and all
other input power (VCCA, VCCC, VCCD, VCCH, VCCP, and VCCS) should be connected to the
external input power supply.
Table 1. Functional Comparison of DSP56302 and DSP56309
Feature
DSP56302
DSP56309
Operating
frequency
≤ 66 MHz down to 0 Hz
≤ 100 MHz down to 0 Hz
Technology
0.5 micron
Sub 0.4 micron
Input power
VCC = 3.0-3.6 V combined core and I/O power
and ground
Split power:
Core VCC (3.0–3.6 V currently)
I/O VCC (3.0–3.6 V currently)
A pinout change is required to support the split
power configuration. See Section 3 for more
information and a description of the pinout
change for the 144-pin TQFP package.
I/O pins
5 V tolerant (exceptions: see data sheet)
Tolerant up to 3.6 V
Package
144-pin TQFP
144-pin TQFP or 196-pin PBGA
PLL input
capacitor
(CPCAP)
Uses the following rules:
For MF
≤ 4:
CPCAP = [(500 × MF) – 150] pF
For MF > 4:
CPCAP = (690 × MF) pF
Uses the following rules:
For MF
≤ 4:
CPCAP = [(680 × MF) – 120] pF
For MF > 4:
CPCAP = (1100 × MF) pF
Operating
modes
See Table 3 for details.
Other
functionality
All memory, control functions, and peripherals are identical. Refer to the
DSP56309 Technical
Data Sheet (order by DSP56309/D) for a detailed description of these features.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com