Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 4Page - Texas Instruments LP5569 Datasheet HTML 5Page - Texas Instruments LP5569 Datasheet HTML 6Page - Texas Instruments LP5569 Datasheet HTML 7Page - Texas Instruments LP5569 Datasheet HTML 8Page - Texas Instruments LP5569 Datasheet HTML 9Page - Texas Instruments LP5569 Datasheet HTML 10Page - Texas Instruments LP5569 Datasheet HTML 11Page - Texas Instruments LP5569 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
8
LP5569
SNVSAP8 – JULY 2017
www.ti.com
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.5 Electrical Characteristics
Unless otherwise noted, specifications apply to the LP5569 device in a circuit per the typical application diagram for the single
device with VVIN = 3.6 V, V1P8 = 1.8 V, VEN/PWM = VVIN, CIN = COUT = CFLY1 = CFLY2 = 1 µF. (Limits in () are design target and
subject to change). Typical (TYP) values apply for TA = 25°C and minimum (MIN) and maximum (MAX) apply over the
operating ambient temperature range (
−40°C < TA < 85°C).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVIN
Standby supply current
VEN/PWM = 0 V, chip_en (bit) = 0
0.2
1
µA
VEN/PWM = 3.3 V, chip_en (bit) = 0, external CLK
not running
2
VEN/PWM = 3.3 V, chip_en (bit) = 0, external CLK
running
2
Normal-mode supply current
External CLK running, charge pump and current
sinks disabled
5
µA
Charge pump in 1× mode, no load, current
sinks disabled
(30)
Charge pump in 1.5× mode, no load, current-
sink outputs disabled
tbd
mA
Power-save mode supply
current
External CLK running, see Automatic Power-
Save Mode
10
µA
Internal oscillator running
600
IV1P8
Standby supply current
VEN/PWM = 0 V, chip_en(bit) = 0
(1)
µA
VEN/PWM = 3.3 V, chip_en (bit) = 0, external CLK
not running
tbd
µA
VEN/PWM = 3.3 V, chip_en (bit) = 0, external CLK
running
tbd
µA
Normal-mode supply current
External CLK running, charge pump and current
sinks disabled
tbd
µA
Charge pump in 1× mode, no load, current
sinks disabled
tbd
µA
Charge pump in 1.5× mode, no load, current-
sink- outputs disabled
tbd
µA
Powersave-mode supply
current
External CLK running
tbd
µA
Internal oscillator running
tbd
µA
ƒOSC
32-kHz internal oscillator
frequency accuracy
TA = 25°C
–10%
10%
10-MHz internal oscillator
frequency accuracy
–7%
7%
VUVLO
Undervoltage lockout
VVIN falling
2.2
V
VVIN rising
2.3
7.6 Charge-Pump Electrical Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ROUT
Charge-pump output resistance
Gain = 1×, VVIN = 4.2 V
1
Ω
Gain = 1.5×, VVIN = 3.7 V
3.5
VOUT
VVIN = 3.7 V, IOUT = 160 mA,
gain = 1.5×
4.5
V
ƒSW
Switching frequency
1.25
MHz
ICL
Output current limit
VOUT = 0 V, VVIN = 3.7 V,
CP_CONFIG = 0xFF
600
mA
tON
VOUT turnon time
IOUT = 0 mA, VIN ≥ 3 V, VOUT >
4.1 V, gain = 1.5×
100
µs
IOUT
Maximum output current
VVIN > 3.1 V, VOUT dropped
10%, gain = 1.5×
TBD
mA
VIN > 2.5 V, VOUT dropped 10%,
gain = 1.5×
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com