Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569RTWR Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569RTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569RTWR Datasheet(HTML) 65 Page - Texas Instruments

Back Button LP5569RTWR Datasheet HTML 61Page - Texas Instruments LP5569RTWR Datasheet HTML 62Page - Texas Instruments LP5569RTWR Datasheet HTML 63Page - Texas Instruments LP5569RTWR Datasheet HTML 64Page - Texas Instruments LP5569RTWR Datasheet HTML 65Page - Texas Instruments LP5569RTWR Datasheet HTML 66Page - Texas Instruments LP5569RTWR Datasheet HTML 67Page - Texas Instruments LP5569RTWR Datasheet HTML 68Page - Texas Instruments LP5569RTWR Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 86 page
background image
65
LP5569
www.ti.com
SNVSAP8 – JULY 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 73. PROGRAM_MEM_08 Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
cmd04_msb
R/W
0h
Program memory data
8.6.1.60 PROGRAM_MEM_09 Register (Address = 59h) [reset = 0h]
PROGRAM_MEM_09 is shown in Figure 79 and described in Table 74.
Return to Summary Table.
Figure 79. PROGRAM_MEM_09 Register
7
6
5
4
3
2
1
0
cmd04_lsb
R/W-0h
Table 74. PROGRAM_MEM_09 Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
cmd04_lsb
R/W
0h
Program memory data
8.6.1.61 PROGRAM_MEM_10 Register (Address = 5Ah) [reset = 0h]
PROGRAM_MEM_10 is shown in Figure 80 and described in Table 75.
Return to Summary Table.
Figure 80. PROGRAM_MEM_10 Register
7
6
5
4
3
2
1
0
cmd05_msb
R/W-0h
Table 75. PROGRAM_MEM_10 Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
cmd05_msb
R/W
0h
Program memory data
8.6.1.62 PROGRAM_MEM_11 Register (Address = 5Bh) [reset = 0h]
PROGRAM_MEM_11 is shown in Figure 81 and described in Table 76.
Return to Summary Table.
Figure 81. PROGRAM_MEM_11 Register
7
6
5
4
3
2
1
0
cmd05_lsb
R/W-0h
Table 76. PROGRAM_MEM_11 Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
cmd05_lsb
R/W
0h
Program memory data
8.6.1.63 PROGRAM_MEM_12 Register (Address = 5Ch) [reset = 0h]
PROGRAM_MEM_12 is shown in Figure 82 and described in Table 77.
Return to Summary Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com