Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6291 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # MCP6291
Description  10-MHz, Rail-to-Rail Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCP6291 Datasheet(HTML) 13 Page - Texas Instruments

Back Button MCP6291 Datasheet HTML 9Page - Texas Instruments MCP6291 Datasheet HTML 10Page - Texas Instruments MCP6291 Datasheet HTML 11Page - Texas Instruments MCP6291 Datasheet HTML 12Page - Texas Instruments MCP6291 Datasheet HTML 13Page - Texas Instruments MCP6291 Datasheet HTML 14Page - Texas Instruments MCP6291 Datasheet HTML 15Page - Texas Instruments MCP6291 Datasheet HTML 16Page - Texas Instruments MCP6291 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
0
15
30
45
60
75
90
0
10
20
30
40
50
60
70
80
90
100
Capacitive Load (pF)
C037
0
40
80
120
160
200
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Output Voltage (V)
C023
Frequency (Hz)
-140
-120
-100
-80
-60
-40
-20
0
100
1k
10k
100k
1M
10M
C038
0
20
40
60
80
100
120
140
10M
100M
1G
Frequency (Hz)
C041
Time (1 µs/div)
Input
Output
C031
±80
±60
±40
±20
0
20
40
60
80
±50
±25
0
25
50
75
100
125
Temperature (
ƒC)
Sinking
Sourcing
C034
13
MCP6291, MCP6292, MCP6294
www.ti.com
SBOS879 – JULY 2017
Product Folder Links: MCP6291 MCP6292 MCP6294
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
V+ = 2.75 V, V– = –2.75 V, CL = 100 pF, G = 1 V/V
Figure 25. Large-Signal Step Response
Figure 26. Short-Circuit Current vs Temperature
PRF = –10 dBm
Figure 27. Electromagnetic Interference Rejection Ratio
Referred to Noninverting Input (EMIRR+) vs Frequency
V+ = 2.75 V, V– = –2.75 V
Figure 28. Channel Separation vs Frequency
VS = 5.5 V
Figure 29. Phase Margin vs Capacitive Load
VS = 5.5 V
Figure 30. Open Loop Voltage Gain vs Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com