Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP32 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # TIP32
Description  Silicon PNP transistor in a TO-220 Plastic Package.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

TIP32 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  TIP32 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP32 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP32 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP32 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP32 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP32 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TIP32
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
TIP32
TIP32A
TIP32B
TIP32C
Collector to Base Voltage
VCBO
-40
-60
-80
-100
V
Collector to Emitter Voltage
VCEO
-40
-60
-80
-100
V
Emitter to Base Voltage
VEBO
-5.0
V
Collector Current-Continuous
IC
-3.0
A
Peak Collector Current
ICP
-5.0
A
Base Current - Continuous
IB
-3.0
A
Collector Power Dissipation
PC
2.0
W
Collector Power Dissipation
PC (Tc=25℃)
40
W
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tsag
-55~150
℃
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Emitter
Breakdown Voltage
VCEO
TIP32
IC=-30mA
IB=0
-40
V
TIP32A
-60
TIP32B
-80
TIP32C
-100
Collector Cut-Off Current
ICEO
TIP32
TIP32A
VCE=-30V
IB=0
-0.3
mA
TIP32B
TIP32C
VCE=-60V
IB=0
-0.3
Collector Cut-Off Current
ICES
TIP32
VCE=-40V
VEB=0
-200
μA
TIP32A
VCE=-60V
VEB=0
-200
TIP32B
VCE=-80V
VEB=0
-200
TIP32C
VCE=-100V
VEB=0
-200
Emitter Cut-Off Current
IEBO
VEB=-5.0V
IC=0
-1.0
mA
DC Current Gain
hFE(1)
VCE=-4.0V
IC=-3.0A
10
50
hFE(2)
VCE=-4.0V
IC=-1.0A
25
Collector to Emitter
Saturation Voltage
VCE(sat)
IC=-3.0A
IB=-375mA
-1.2
V
Base to Emitter Saturation
Voltage
VBE(sat)
IC=-3.0A
VCE=-4.0V
-1.8
V
Transition Frequency
fT
VCE=-10V
IC=-500mA
3.0
MHz
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com