Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC534 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # HC534
Description  Octal 3-State Inverting D Flip-Flop
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC534 Datasheet(HTML) 1 Page - System Logic Semiconductor

  HC534 Datasheet HTML 1Page - System Logic Semiconductor HC534 Datasheet HTML 2Page - System Logic Semiconductor HC534 Datasheet HTML 3Page - System Logic Semiconductor HC534 Datasheet HTML 4Page - System Logic Semiconductor HC534 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HC534
System Logic
Semiconductor
SLS
Octal 3-State Inverting D Flip-Flop
High-Performance Silicon-Gate CMOS
The SL74HC534 is identical in pinout to the LS/ALS534. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
Data meeting the setup time is clocked, in inverted form, to the
outputs with the rising edge of the Clock. The Output Enable input
does not affect the states of the flip-flops, but when Output Enable is
high, the outputs are forced to the high impedance state. Thus, data
may be stored even when the outputs are not enabled.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC534N Plastic
SL74HC534D SOIC
TA = -55
° to 125° C for all packages
FUNCTION TABLE
Inputs
Output
Output
Enable
Clock
D
Q
L
H
L
L
L
H
L
L,H,
X
no
change
H
X
X
Z
X = don’t care
Z = high impedance
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND
PIN ASSIGNMENT


Similar Part No. - HC534

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
HC53 EUROQUARTZ-HC53 Datasheet
189Kb / 2P
Dual Frequency Selectable Oscillator
logo
Connor-Winfield Corpora...
HC53R5 CONNOR-WINFIELD-HC53R5 Datasheet
55Kb / 1P
HCMOS/TTL COMPATIBLE
HC53RA CONNOR-WINFIELD-HC53RA Datasheet
59Kb / 1P
3.3V, 14 PIN DIP HCMOS ENABLE/DISABLE
More results

Similar Description - HC534

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC374A MOTOROLA-MC54-74HC374A Datasheet
253Kb / 8P
Octal 3-State Non-Inverting D Flip-Flop
MC74HC564A MOTOROLA-MC74HC564A Datasheet
188Kb / 8P
Octal 3-State Inverting D Flip-Flop
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A Datasheet
196Kb / 8P
Octal 3-State Non-Inverting D Flip-Flop
March, 2000 ??Rev. 8
logo
NXP Semiconductors
74ABT534A PHILIPS-74ABT534A Datasheet
111Kb / 12P
Octal D-type flip-flop, inverting 3-State
1997 Feb 03
74LVT534 PHILIPS-74LVT534 Datasheet
100Kb / 12P
3.3V Octal D-type flip-flop; inverting 3-State
1998 Feb 19
logo
International Rectifier
74ABT534A IRF-74ABT534A Datasheet
128Kb / 12P
Octal D-type flip-flop, inverting (3-State)
logo
KODENSHI_AUK CORP.
KK74HC534A KODENSHI-KK74HC534A Datasheet
250Kb / 6P
Octal 3-State Inverting D Flip-Flop
logo
STMicroelectronics
M74HC534 STMICROELECTRONICS-M74HC534 Datasheet
406Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT INVERTING
Aug-2001
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A_11 Datasheet
149Kb / 9P
Octal 3-State Non-Inverting D Flip-Flop
May, 2011 ??Rev. 12
MC74HC374A ONSEMI-MC74HC374A_14 Datasheet
122Kb / 7P
Octal 3-State Non-Inverting D Flip-Flop
August, 2014 ??Rev. 14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com