Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2335 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SC2335
Description  Silicon NPN transistor in a TO-220 Plastic Package.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SC2335 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SC2335 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2335 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2335 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2335 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2335 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2335 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC2335
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
500
V
Collector to Emitter Voltage
VCEO
400
V
Emitter to Base Voltage
VEBO
7.0
V
Collector Current - Continuous
IC
7.0
A
Base Current - Continuous
IB
3.5
A
Collector Power Dissipation
PC
1.5
W
PC(Tc=25 )
℃
40
W
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55~150
℃
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Emitter Breakdown
Voltage
VCEO
IC=3A
IB1=0.6A
L=1mH
400
V
Collector to Emitter Breakdown
Voltage
VCEX(SUS)1
IC=3A
IB1=-IB2=0.6A
VBE(OFF)=-5V L=180μH
450
V
VCEX(SUS)2
IC=6A
IB1=2A
-IB2=0.6A
VBE(OFF)=-5V L=180μH
400
V
Collector Cut-Off Current
ICBO
VCB=400V
IE=0
1.0
μA
Collector Cut-Off Current
ICER
VCE=400V
RBE=51Ω
TA=125℃
1.0
mA
Collector Cut-Off Current
ICEX1
VCE=400V
RBE(OFF)=-1.5V
10
μA
ICEX2
VCE=400V
RBE=-1.5V
TA=125℃
1.0
mA
Emitter Cut-Off Current
IEBO
VEB=5V
IC=0
10
μA
DC Current Gain
hFE(1)
VCE=5V
IC=0.1A
20
80
hFE(2)
VCE=5V
IC=1A
20
80
hFE(3)
VCE=5V
IC=3A
10
Collector to Emitter Saturation
Voltage
VCE(sat)
IC=3A
IB=0.6A
1.0
V
Base to Emitter Saturation
Voltage
VBE(sat)
IC=3A
IB=0.6A
1.2
V
Turn-On Time
ton
IC=3A
RL=50Ω
IB1=-IB2=0.6A VCC=150V
Refer to the test circuit
1.0
μS
Storage Time
tstg
2.5
μS
Fall Time
tr
1.0
μS
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com