Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT589 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MMBT589
Description  Silicon PNP transistor in a SOT-23 Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MMBT589 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MMBT589 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBT589 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBT589 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBT589 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBT589 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBT589 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMBT589
Rev.F Apr.-2017
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
-50
V
Collector to Emitter Voltage
VCEO
-30
V
Emitter to Base Voltage
VEBO
-5.0
V
Collector Current
IC
-1.0
A
Collector Current − Peak
ICM
-2.0
A
Collector Power Dissipation
PD
310
mW
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55~150
℃
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Base Breakdown
Voltage
VCBO
IC=-0.1mA
IE=0
-50
V
Collector to Emitter Breakdown
Voltage
VCEO
IC=-10mA
IB=0
-30
V
Emitter to Base Breakdown
Voltage
VEBO
IE=-0.1mA
IC=0
-5.0
V
Collector Cut-Off Current
ICBO
VCB=-30V
IE=0
-0.1
μA
Emitter Cutoff Current
IEBO
VEB=-4.0V
IE=0
-0.1
μA
Collector−Emitter Cutoff Current
ICES
VCES=-30V
IE=0
-0.1
μA
DC Current Gain
hFE(1)
VCE=-2.0V
IC=-500mA
100
300
hFE(2)
VCE=-2.0V
IC=-2.0A
40
hFE(3)
VCE=-2.0V
IC=-1.0A
80
hFE(4)
VCE=-2.0V
IC=-1.0mA
100
Collector −Emitter Saturation
Voltage
VCE(sat)(1) IC=-500mA
IB=-50mA
-0.25
V
VCE(sat)(2) IC=-1.0A
IB=-100mA
-0.30
V
VCE(sat)(3) IC=-2.0A
IB=-200mA
-0.65
V
Base−Emitter Saturation Voltage
VBE(sat)
IC=-1.0A
IB=-0.1A
-1.2
V
Base−Emitter Turn−on Voltage
VBE(ON)
IC=-1.0A
VCE=-2.0V
-1.1
V
Transition Frequency
fT
IC=-100mA
VCE=-5.0V
f=100MHz
100
MHz
Collector Output Capacitance
Cobo
f=1.0MHz
15
pF
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com