Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS0551T Datasheet(PDF) 3 Page - International Rectifier

Part # IPS0551T
Description  FULLY PROTECTED POWER MOSFET SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS0551T Datasheet(HTML) 3 Page - International Rectifier

  IPS0551T Datasheet HTML 1Page - International Rectifier IPS0551T Datasheet HTML 2Page - International Rectifier IPS0551T Datasheet HTML 3Page - International Rectifier IPS0551T Datasheet HTML 4Page - International Rectifier IPS0551T Datasheet HTML 5Page - International Rectifier IPS0551T Datasheet HTML 6Page - International Rectifier IPS0551T Datasheet HTML 7Page - International Rectifier IPS0551T Datasheet HTML 8Page - International Rectifier IPS0551T Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IPS0551T
www.irf.com
3
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Tsd
Over temperature threshold
—
165
—
oC
See fig. 1
Isd
Over current threshold
60
90
120
A
See fig. 1
Vreset
IN protection reset threshold
1.5
1.9
2.8
V
Treset
Time to reset protection
2
10
40
µs
Vin = 0V, Tj = 25
oC
EOI_OT
Short circuit energy (cf application note)
100
400
1200
µJ
Vcc = 14V
Protection Characteristics
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Rds(on)
ON state resistance Tj = 25
oC
—
4.5
5.2
@Tj=25
oC
Rds(on)
ON state resistance Tj = 150
oC
—
7.5
8.8
@Tj=150oC
Idss
Drain to source leakage current
0
0.01
25
µA
Vcc = 14V, Tj = 25oC
@Tj=25oC
V clamp 1 Drain to source clamp voltage 1
37
40
—
Id = 20mA (see Fig.3 & 4)
V clamp 2 Drain to source clamp voltage 2
—
43
48
Vsd
Body diode forward voltage
—
0.85
1Id = 35A, Vin = 0V
Vin clamp IN to source clamp voltage
7
8.0
9.5
Iin = 1 mA
Vth
IN threshold voltage
1
1.5
2
Id = 50mA, Vds = 14V
Iin, on
Input supply current (normal operation)
25
90
300
Vin = 5V
Iin, off
Input supply current (protection mode)
50
130
400
Vin = 5V
over-current triggered
Static Electrical Characteristics
(Tj = 25
oC unless otherwise specified. Standard footprint 70
µm of copper thickness)
Id=Ishutdown (see Fig.3 & 4)
V
µA
Switching Electrical Characteristics
Vcc = 14V, Resistive Load = 0.4Ω, Rinput = 50Ω, 100µs pulse, Tj = 25
oC, (unless otherwise specified).
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Ton
Turn-on delay time
0.25
1
4
Tr
Rise time
0.25
14
Trf
Time to 130% final Rds(on)
—15
—
Toff
Turn-off delay time
1.5
4
8
Tf
Fall time
0.5
2
5
Qin
Total gate charge
—
200
—
nC
Vin = 5V
See figure 2
See figure 2
µs
m
Ω Vin = 5V, Ids = 10A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com