Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM01-R-CAP-CF Datasheet(PDF) 1 Page - DDK Ltd.

Part # CM01-R-CAP-CF
Description  M12 Sized & Sealed Circular Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM01-R-CAP-CF Datasheet(HTML) 1 Page - DDK Ltd.

  CM01-R-CAP-CF Datasheet HTML 1Page - DDK Ltd. CM01-R-CAP-CF Datasheet HTML 2Page - DDK Ltd. CM01-R-CAP-CF Datasheet HTML 3Page - DDK Ltd. CM01-R-CAP-CF Datasheet HTML 4Page - DDK Ltd. CM01-R-CAP-CF Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
http://www.ddknet.co.jp
◎
Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
 
The CM02B series is a M12 sized and
sealed circular connector developed for the
connection of various sensors equipment.
 This series conforms to NECA 4202,
official standard of the Japan Electric Control
Equipment lndustry Association.
The use of the CM02B series will drastically
decrease wiring work man-hours needed to connect sensors.
 The CM02B series can be used in harsh environmental condition, having IP67 rated for
protection against moisture and dust.
This series is also intemateable with our CM01 series.
CM02B Series
RoHS
Compliant
RoHS
Compliant
M12 Sized & Sealed Circular Connector
・UL94V-0 insulator flammability rating
・Over molding style cable assembly
・Number of Contacts : 4
Rated Current
3A/Contact
Rated Voltage
125V DC 
Dielectric Withstanding Voltage   1,500V AC for 1 minute
Insulation Resistance
1,000 MΩ Min. / Connector
100 MΩ Min. / Cable assembly
Operating Temperature Range
-25℃ to +70℃
Waterproof
IP67 when mated
Cable
Conductor Size : 20AWG / Colored, 1-Brown 2-White 3-Blue 4-Black
Insulator
Plastic(UL94V-0)
Contact
Copper Alloy / Gold Plating
Coupling Ring
Zinc Alloy / Nickel Plating
Shell
Zinc Alloy or Copper Alloy / Nickel Plating
Nut & Washer
Zinc Alloy or Copper Alloy / Nickel Plating
Gasket
Synthetic Rubber / Black
Over Molding Resin
Plastic(UL94V-0)/Gray
Waterproof
IP 67
Lock Type
Threaded
Coupling
Conforming
Standard
NECA 4202
Size
M12
1. Various sensors
2. Measurement equipment, medical equipment,
telecommunications equipment, and various other
electronic and electric equipment
◆ OUTLINE
◆ APPLICATIONS
◆ FEATURES
◆ SPECIFICATIONS
◆ MATERIALS/FINISH
140611


Similar Part No. - CM01-R-CAP-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM01-R-CAP-CF DDK-CM01-R-CAP-CF Datasheet
311Kb / 5P
M12 Sized & Sealed Circular Connector
CM01-R-CAP-CF DDK-CM01-R-CAP-CF Datasheet
179Kb / 2P
M12 Sized & Sealed Circular Connectors
CM01-R-CAP-CF DDK-CM01-R-CAP-CF Datasheet
990Kb / 2P
M12 Sized & Sealed Circular Connectors
CM01-R-CAP-CF DDK-CM01-R-CAP-CF Datasheet
797Kb / 6P
DeviceNet Micro-Style Connectors
More results

Similar Description - CM01-R-CAP-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM02B DDK-CM02B_1 Datasheet
311Kb / 5P
M12 Sized & Sealed Circular Connector
CM04T DDK-CM04T Datasheet
179Kb / 2P
M12 Sized & Sealed Circular Connectors
CM08 DDK-CM08 Datasheet
178Kb / 2P
M8 Sized & Sealed Circular Connector
CM09 DDK-CM09 Datasheet
200Kb / 3P
One-Touch Locking Style Small Sized Circular Connectors
CM10 DDK-CM10 Datasheet
334Kb / 5P
One-Touch Locking Style Small Sized Circular Connectors
CM04TA-8DP8S-010 DDK-CM04TA-8DP8S-010 Datasheet
990Kb / 2P
M12 Sized & Sealed Circular Connectors
CMV1-SP10S-S DDK-CMV1-SP10S-S Datasheet
918Kb / 7P
One-Touch Locking Style Small Sized Circular Connectors
CM09-P25P DDK-CM09-P25P Datasheet
1Mb / 4P
One-Touch Locking Styled , Small Sized Circular Connectors
CM10-SP10S-S-D DDK-CM10-SP10S-S-D Datasheet
929Kb / 5P
One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S(D6) DDK-CM10-SP10S-S(D6) Datasheet
915Kb / 5P
One-Touch Locking Style Small Sized Circular Connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com