Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM01-R-CAP(D1) Datasheet(PDF) 3 Page - DDK Ltd.

Part # CM01-R-CAP(D1)
Description  M12 Sized & Sealed Circular Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM01-R-CAP(D1) Datasheet(HTML) 3 Page - DDK Ltd.

  CM01-R-CAP(D1) Datasheet HTML 1Page - DDK Ltd. CM01-R-CAP(D1) Datasheet HTML 2Page - DDK Ltd. CM01-R-CAP(D1) Datasheet HTML 3Page - DDK Ltd. CM01-R-CAP(D1) Datasheet HTML 4Page - DDK Ltd. CM01-R-CAP(D1) Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Unit:mm
CM02B Series
http://www.ddknet.co.jp
◎
Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
3
○Y-Joint Adapter
○Receptacle with Plastic Shell and Pin Contacts
Solder Dip
L
P/N
500
CM02B-8DYC4-005
1,000
CM02B-8DYC4-010
2,000
CM02B-8DYC4-020
3,000
CM02B-8DYC4-030
5,000
CM02B-8DYC4-050
P/N
CM02B-8DYA4-CF
P/N
CM01-8DRA-4P-CF(01)
P/N
CM02-8DR4PD(D1)-FG
CH1
CH1
CH2
CH2
1
2
3
4
1
2
3
4
1
2
3
4
32
53
M12×1
17
CH1
CH1
CH2
CH2
1
2
3
4
1
2
3
4
1
2
3
4
32
53
M12×1
17
CH1
CH1
CH2
CH2
1
2
3
4
1
2
3
4
1
2
3
4
32
53
M12×1
17
17
32
L
43
CH1
CH2
M12×1
1
2
4
3
1
2
3
4
1
2
3
4
1
2
3
4
CH1
CH2
Soldering
17
Solder Cup:φ1.4
2.3
18
2.5
8.5
12.2
1
2
3
4
DDK
(Panel Thickness : 2mm Max.)
Panel Cutout Dimension
M14×0.75 Thread
M12×1Thread
+0.1
0
Panel Cutout Dimension
(Panel Thickness : 3mm Max.)
M12×1Thread
M14×0.75Thread
φ14
+0.1
0
17
3.5
5.9
1
PCB Thickness1.6±0.2
23.4
19.6
1.5
6
PCB Mounting Dimension
2.5
2.5
4-φ1
45°
φ1
5
Non Printed Area
φ1.6±0.1
Coding Pin
φ1.4
9
Wiring Diagram
Wiring Diagram
・Double-ended cable assemblies
・Connectors on both ends without cable
・Rear-mount configuration
・P C B Contacts
・Rear-mount configuration



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com