Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5624 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SC5624
Description  Silicon NPN Epitaxial High Frequency Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5624 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SC5624 Datasheet HTML 1Page - Hitachi Semiconductor 2SC5624 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5624 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5624 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5624 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5624 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5624 Datasheet HTML 7Page - Hitachi Semiconductor 2SC5624 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SC5624
Rev.2.00, Oct.21.2003, page 2 of 7
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
VCBO
10
V
Collector to emitter voltage
VCEO
3.5
V
Emitter to base voltage
VEBO
0.8
V
Collector current
IC
35
mA
Collector power dissipation
Pc
100
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector to base breakdown
voltage
V(BR)CBO
10
V
IC = 10
µA , IE = 0
Collector cutoff current
ICBO
——
1
µAVCB = 8 V , IE = 0
Collector cutoff current
ICEO
——
1
µAVCE = 3 V , RBE = ∞
Emitter cutoff current
IEBO
——
10
µAVEB = 0.8 V , IC = 0
DC current transfer ratio
hFE
80
120
160
VCE = 2 V , IC = 20 mA
Collector output capacitance
Cob
0.3
0.6
pF
VCB = 2 V , IE = 0
f = 1 MHz
Gain bandwidth product
fT
25
28
GHz
VCE = 2 V , IC = 30 mA
f = 2 GHz
Power gain
PG
14
18
dB
VCE = 2 V, IC = 30 mA
f = 1.8 GHz
Noise figure
NF
1.2
1.6
dB
VCE = 2 V, IC = 5 mA
f = 1.8 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com