Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52957AFP Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # M52957AFP
Description  Distance Detection Signal Processing for 3V Supply Voltage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

M52957AFP Datasheet(HTML) 4 Page - Hitachi Semiconductor

  M52957AFP Datasheet HTML 1Page - Hitachi Semiconductor M52957AFP Datasheet HTML 2Page - Hitachi Semiconductor M52957AFP Datasheet HTML 3Page - Hitachi Semiconductor M52957AFP Datasheet HTML 4Page - Hitachi Semiconductor M52957AFP Datasheet HTML 5Page - Hitachi Semiconductor M52957AFP Datasheet HTML 6Page - Hitachi Semiconductor M52957AFP Datasheet HTML 7Page - Hitachi Semiconductor M52957AFP Datasheet HTML 8Page - Hitachi Semiconductor M52957AFP Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
M52957AFP
Rev.1.0, Sep.19.2003, page 4 of 13
Electrical characteristics
(Ta = 25°C, VCC = 5.0V, unless otherwise noted.)
Limits
Classification
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Note
Operating supply voltage
range
VCC
2.2
3.0
5.5
V
Consuming
current
Usual consuming current
ICC1
5.9
7.7
mA
While Rapid charge
consuming current 1
ICC2
17.7
23.0
mA
While CH rapid
charge consuming
current
*1
While Rapid charge
consuming current 2
ICC3
19.0
24.7
mA
While CH and
CINT rapid charge
consuming current
*1
While STAND BY
consuming current
ICC4
1.0
µA
*1
HOLD pin
HOLD "H" input voltage
VHOH
1.1
7.0
V
HOLD "L" input current
VHOL
0
0.3
V
HOLD "H" input current
IHOH
1.0
µA
VIH=5.5V
HOLD "L" input voltage
IHOL
−100
−75
−50
µA
VIL=0V
INT pin
INT "H" input voltage
VINH
1.1
7.0
V
INT "L" input voltage
VINL
0
0.3
V
INT "H" input current
IINH
1.0
µA
VIH=5.5V
INT "L" input current
IINL
−100
−75
−50
µA
VIL=0V
CLALV
pin
CLALV "H" input voltage
VCLH
1.1
7.0
V
CLALV "L" input voltage
VCLL
0
0.3
V
CLALV "H" input current
ICLH
1.0
µA
VIH=5.5V
CLALV "L" input current
ICLL
−100
−75
−50
µA
VIL=0V
RESET
pin
RESET "H" input voltage
VREH
1.1
7.0
V
RESET "L" input voltage
VREL
0
0.3
V
RESET "H" input current
IREH
1.0
µA
VIH=5.5V
RESET "L" input current
IREL
−100
−75
−50
µA
VIL=0V
STB
pin
STB "H" input voltage
VSTH
VCC
−0.3
7.0
V
STB "L" input voltage
VSTL
0
0.3
V
STB "H" input current
ISTH
3.0
µA
VIH=5.5V
STB "L" input current
ISTL
−150
−100
−50
µA
VIL=0V
HOLD
C
CH rapid charge current
ICHQC
−2000
−1000 −500
µA
IPSD=5µA ,
VCH=0V
*1
CH stationary charge
current
ICHC
−30
−20
−10
µA
VCH=0V
*1
CH stationary discharge
current
ICHD
10
20
30
µA
VCH=1.5V
*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com