Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP127 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # TIP127
Description  Silicon PNP transistor in a TO-220 Plastic Package.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

TIP127 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  TIP127 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP127 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP127 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP127 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP127 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP127 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TIP127
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
-100
V
Collector to Emitter Voltage
VCEO
-100
V
Emitter to Base Voltage
VEBO
-5.0
V
Collector Current - Continuous
IC
-5.0
A
Peak Collector Current
ICP
-8.0
A
Base Current - Continuous
IB
-120
mA
Collector Power Dissipation
PC
2.0
W
PC(Tc=25 )
℃
65
W
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55~150
℃
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Emitter Breakdown
Voltage
VCEO
IC=-100mA
IB=0
-100
V
Collector Cut-Off Current
ICEO
VCE=-50V
IB=0
-2.0
mA
Collector Cut-Off Current
ICBO
VCB=-100V
IE=0
-1.0
mA
Emitter Cut-Off Current
IEBO
VEB=-5.0V
IC=0
-2.0
mA
DC Current Gain
hFE(1)
VCE=-3.0V
IC=-0.5A
1000
hFE(2)
VCE=-3.0V
IC=-3.0A
1000
Collector to Emitter Saturation
Voltage
VCE(sat)(1) IC=-3.0A
IB=-12mA
-2.0
V
VCE(sat)(2) IC=-5.0A
IB=-20mA
-4.0
V
Base to Emitter Voltage
VBE
IC=-3.0A
VCE=-3.0V
-2.5
V
Collector output capacitance
Cob
VCB=-10V
IE=0
f=0.1MHz
300
pF
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com