Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB-9 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LB-9
Description  Universal Balancing Techniques
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LB-9 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LB-9 Datasheet HTML 1Page - National Semiconductor (TI) LB-9 Datasheet HTML 2Page - National Semiconductor (TI) LB-9 Datasheet HTML 3Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Universal Balancing
Techniques
IC op amps are widely accepted as a universal analog
component. Although the circuit designs may vary, most
devices are functionally interchangeable. However, offset
voltage balancing remains a personality trait of the particular
amplifier design. The techniques shown here allow offset
voltage balancing without regard to the internal circuitry of
the amplifier.
The circuit shown in Figure 1 is used to balance out the
offset voltage of inverting amplifiers having a source resis-
tance of 10 k
Ω or less. A small current is injected into the
summing node of the amplifier through R
1. Since R1 is 2000
times as large as the source resistance the voltage at the
arm of the pot is attenuated by a factor of 2000 at the
summing node. With the values given and ±15V supplies the
output may be zeroed for offset voltages up to ±7.5 mW.
If the value of the source resistance is much larger than 10
k
Ω, the resistance needed for R
1 becomes too large. In this
case it is much easier to balance out the offset by supplying
a small voltage at the non-inverting input of the amplifier.
Figure 2 shows such a scheme. Resistors R
1 and R2 divide
the voltage at the arm of the pot to supply a ±7.5 mW
adjustment range with ±15V supplies.
This adjustment method is also useful when the feedback
element is a capacitor or non-linear device.
This technique of supplying a small voltage effectively in
series with the input is also used for adjusting non-inverting
amplifiers. As is shown in Figure 3, divider R
1,R2 reduces
the voltage at the arm of the pot to ±7.5 mW for offset
adjustment. Since R
2 appears in series with R4,R2 should
be considered when calculating the gain. If R
4 is greater than
10 k
Ω the error due to R
2 is less than 1%.
00846001
R1 = 2000 R3 \ R4
R4 \ R3
≤ 10 kΩ
FIGURE 1. Offset Voltage Adjustment for Inverting
Amplifiers Using 10 k
Ω Source Resistance or Less
00846002
FIGURE 2. Offset Voltage Adjustment for Inverting
Amplifiers Using Any Type of Feedback Element
National Semiconductor
Linear Brief 9
August 1969
© 2002 National Semiconductor Corporation
AN008460
www.national.com


Similar Part No. - LB-9

ManufacturerPart #DatasheetDescription
logo
IDEAL INDUSTRIES, INC.
LB-911 IDEAL-INDUSTRIES-LB-911 Datasheet
3Mb / 6P
Stripmaster® Wire Strippers
LB-912 IDEAL-INDUSTRIES-LB-912 Datasheet
3Mb / 6P
Stripmaster® Wire Strippers
LB-913 IDEAL-INDUSTRIES-LB-913 Datasheet
3Mb / 6P
Stripmaster® Wire Strippers
LB-914 IDEAL-INDUSTRIES-LB-914 Datasheet
3Mb / 6P
Stripmaster® Wire Strippers
LB-915 IDEAL-INDUSTRIES-LB-915 Datasheet
3Mb / 6P
Stripmaster® Wire Strippers
More results

Similar Description - LB-9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN165 ETC1-AN165 Datasheet
36Kb / 3P
EMI REDUCTION TECHNIQUES
logo
Fuji Electric
EDS10-15F FUJI-EDS10-15F Datasheet
89Kb / 6P
FC SERIES SELF-BALANCING RECORDER
EDS10-56E FUJI-EDS10-56E Datasheet
221Kb / 8P
COMPACT SELF-BALANCING RECORDER
logo
STMicroelectronics
TN0026 STMICROELECTRONICS-TN0026 Datasheet
119Kb / 9P
LED balancing circuits
05-Apr-2007
AN2719 STMICROELECTRONICS-AN2719 Datasheet
242Kb / 22P
Precision improvement techniques
28-Oct-2008
logo
Fairchild Semiconductor
AN4148 FAIRCHILD-AN4148 Datasheet
220Kb / 5P
Audible Noise Reduction Techniques
logo
Advanced Linear Devices
SABMB16 ALD-SABMB16 Datasheet
92Kb / 4P
SUPERCAPACITOR AUTO BALANCING PCB
SABMB16 ALD-SABMB16_18 Datasheet
83Kb / 4P
4-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
SABMB2 ALD-SABMB2_V01 Datasheet
432Kb / 4P
2-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
2021
SABMB6 ALD-SABMB6 Datasheet
455Kb / 4P
6-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com