Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4970 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4970
Description  Audio Synchronized Color LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4970 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4970 Datasheet HTML 1Page - National Semiconductor (TI) LM4970 Datasheet HTML 2Page - National Semiconductor (TI) LM4970 Datasheet HTML 3Page - National Semiconductor (TI) LM4970 Datasheet HTML 4Page - National Semiconductor (TI) LM4970 Datasheet HTML 5Page - National Semiconductor (TI) LM4970 Datasheet HTML 6Page - National Semiconductor (TI) LM4970 Datasheet HTML 7Page - National Semiconductor (TI) LM4970 Datasheet HTML 8Page - National Semiconductor (TI) LM4970 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Connection Diagram
14 pin SD Package
20121202
Top View
Order Number LM4970SD
See NS Package Number SDA14A
Pin Connection
Pin
Name
Pin Description
1
FILT
Low Pass Filter Input
2V
DD
Power Supply Pin
3M
IN
Mono Audio Input
4
GND
Ground
5L
IN
Left Audio Input
6R
IN
Right Audio Input
7I
2CV
DD
I
2C Interface Power Supply
8
SDA
I
2C Data
9
SCL
I
2C Clock
10
ADR
I
2C Address Select
11
LED3
LED output 3
12
LGND
LED ground
13
LED2
LED output 2
14
LED1
LED output 1
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com