Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6640 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6640
Description  TFT-LCD Single, 16V Rail-to-Rail High Output Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6640 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMH6640 Datasheet HTML 5Page - National Semiconductor (TI) LMH6640 Datasheet HTML 6Page - National Semiconductor (TI) LMH6640 Datasheet HTML 7Page - National Semiconductor (TI) LMH6640 Datasheet HTML 8Page - National Semiconductor (TI) LMH6640 Datasheet HTML 9Page - National Semiconductor (TI) LMH6640 Datasheet HTML 10Page - National Semiconductor (TI) LMH6640 Datasheet HTML 11Page - National Semiconductor (TI) LMH6640 Datasheet HTML 12Page - National Semiconductor (TI) LMH6640 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Application Notes (Continued)
As can be seen, the LMH6640 is capable of supplying up to
160 mA of output current and can settle the output in 4.4 µs.
The LMH6640 is a cost effective amplifier for use in the TFT
V
COM application and is made even more attractive by its
large supply voltage range and high output current. The
combination of all these features is not readily available in
the market, especially in the space saving SOT23-5 pack-
age. All this performance is achieved at the low power con-
sumption of 65 mW which is of utmost importance in today’s
battery driven TFT panels.
20086236
FIGURE 2. V
COM Output, High Current Drive Waveform, & LMH6640 Output Current Waveforms
20086237
FIGURE 3. Expanded View of Figure 2 Waveforms showing LMH6640 Current Sinking 1⁄2 Cycle
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com