Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV8172 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV8172
Description  Vertical Deflection Output Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV8172 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV8172 Datasheet HTML 1Page - National Semiconductor (TI) LMV8172 Datasheet HTML 2Page - National Semiconductor (TI) LMV8172 Datasheet HTML 3Page - National Semiconductor (TI) LMV8172 Datasheet HTML 4Page - National Semiconductor (TI) LMV8172 Datasheet HTML 5Page - National Semiconductor (TI) LMV8172 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Notes 1,
3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage,
(V
S =VCC1 −VEE)
35V
Flyback Peak Voltage,
(V
OUT −VEE)
60V
(V
CC2 −VEE)
60V
Input Voltage, (V
DC)
Pins 1, 7
V
EE ≤ VIN ≤ VCC1
Output Peak Current, (I
O)
Pin 5 (Note 8)
3.2 A
pp
Power Dissipation (P
D)
T
C = 25˚C
41W
T
C = 90˚C
20W
Above 25˚C, derate based on
θ
JC and TJ (Note 4)
Thermal Resistance (
θ
JC)
3˚C/W
Junction Temperature (T
JMAX)
150˚C
ESD Susceptibility (Note 5)
2 kV
Storage Temperature
−65˚C to +80˚C
Lead Temperature
(Soldering 10 seconds)
265˚C
Operating Ratings (Note 2)
Junction Temperature Range
−20˚C
≤ T
J ≤ +150˚C
Electrical Characteristics
V
CC1 = +17.5V; VCC2 = +16.9V; VEE = −17.5V; TC = 25˚C unless otherwise specified.
Symbol
Parameter
Conditions
Typical
(Note 6)
Limit
(Note 7)
Units
I
2+6
Total Quiescent Current (I
2 +I6)
See Figure 2
11
20
mA (max)
I
1
Input Bias Current
-0.5
-2.0
µA (max)
I
os
Input Offset Current
0.5
3.0
µA (max)
V
3L
Pin 3 Saturation Voltage to V
EE
See Figure 3, I
3 = 20 mA
1.1
2.0
V (max)
V
5L
Output Saturation Voltage to V
EE
See Figure 3, I
5 = 1.2A
1.3
2.5
V (max)
I
5 = 0.7A
0.7
1.4
V (max)
V
5H
Output Saturation Voltage to
V
CC2
See Figure 4, I
5 = −1.2A
2.6
3.3
V (max)
I
5 = −0.7A
2.1
2.8
V (max)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 2: Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and
test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may de-
grade when the device is not operated under the listed test conditions.
Note 3: All voltages are measured with respect to GND, unless otherwise specified.
Note 4: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJC and the case temperature, TC. The maximum al-
lowable power dissipation at any elevated temperature is PD =(TJMAX −TC)/ θJC or the number given in the Absolute Maximum Ratings, whichever is lower. For
this device, TJMAX = 150˚C. The typical thermal resistance (θJC) of the LMV8172 is 3˚C/W.
Note 5: Human Body model, 100 pF capacitor discharged through a 1.5 k
Ω resistor.
Note 6: Typicals are at TC = 25˚C and represent most likely parametric norm.
Note 7: Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Maximum output current is tested with a load of 3 mH, VCC1 = +15V and VEE = −15V, VIN+ set so the device is drawing equal amounts of current from both
supplies, and the sawtooth on VIN− set so the voltage waveform on pin 5 is as large as possible without distortion.
www.national.com
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com