Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBYV26C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SBYV26C
Description  Glass Passivated Ultrafast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SBYV26C Datasheet(HTML) 2 Page - Vishay Siliconix

  SBYV26C Datasheet HTML 1Page - Vishay Siliconix SBYV26C Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SBYV26C
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88735
2
11-Feb-02
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
1
10
100
1
100
10
Fig. 2 – Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 50 HZ
0
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
175
Fig. 1 – Maximum Forward Current
Derating Curve
Temperature (
°C)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Instantaneous Forward Voltage (V)
020
60
40
100
80
Fig. 4 – Typical Reverse Leakage
Characteristics
Percent of Rated Peak Reverse Voltage (%)
0.4
0.2
Mounted on P.C.B.
Lead mounted on
heatsink
0.01
0.1
10
100
1
TJ = 25
°C
TJ = 125
°C
TJ = 165
°C
t, Pulse Duration (sec.)
0.01
0.1
1
10
100
100
10
1
0.01
0.001
0.1
10
1
100
Fig. 6 – Typical Transient Thermal
Impedance
TJ = TJ max.
10ms Single Half Sine-Wave
Pulse Width = 300
µs
1% Duty Cycle
Fig. 3 – Typical Instantaneous
Forward Characteristics
Reverse Voltage (V)
0.1
1
10
100
100
10
1
Fig. 5 – Typical Junction Capacitance
TJ = 25
°C
f = 1.0 MHZ
Vsig = 50mVp-p
TJ = 25
°C
TJ = 125
°C
TJ = 165
°C
TL
TA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com